Electronic Components Datasheet Search
  English  ▼

X  

MSK4400 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4400
Description  10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4400 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4400 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4400 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4400 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4400 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4400 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.9 C/W
-55°C to +150°C
+300°C
-40°C to +125°C
+150°C
@ 25°C unless otherwise specified
All Inputs Off
f=20KHz, 50% Duty Cycle
VIN=0V
VIN=5V
ID=100µA, All Inputs Off
VDS=70V
ID=25A
ID=10A
V+=38V
ID=25A Peak
SWR Resistor=
∞
SWR Resistor=
∞
SWR=Open
SWR=12K
ISD=10A
ISD=10A, di/dt=100A/µS
CONTROL SECTION
VBIAS Quiescent Current 4
VBIAS Operating Current
4
Undervoltage Threshold (Falling)
Undervoltage Threshold (Rising)
Low Level Input Voltage
High Level Input Voltage
Low Level Input Current
High Level Input Current
OUTPUT BRIDGE
Drain-Source Breakdown Voltage
Drain-Source Leakage Current
Drain-Source On Resistance (Each FET)
1
Voltage Drop Across Bridge Phase 2 4
SWITCHING CHARACTERISTICS
Rise Time
Fall Time
Enable Turn-On Prop Delay (Lower)
Enable Turn-Off Prop Delay (Lower)
Enable Turn-On Prop Delay (Upper)
Enable Turn-Off Prop Delay (Upper)
Dead Time
Dead Time 4
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward Voltage
Reverse Recovery Time
mAmp
mAmp
Volts
Volts
Volts
Volts
µAmp
µAmp
V
µAmp
Ω
VOLTS
nSec
nSec
µSec
µSec
µSec
µSec
µSec
µSec
Volts
nSec
75V
16V
-0.3V to VBIAS +0.3V
10A
25A
High Voltage Supply
Bias Supply
Logic Input Voltages
Continuous Output Current
Peak Output Current
ABSOLUTE MAXIMUM RATINGS
V+
VBIAS
VIND
IOUT
IPK
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
Junction Temperature
θJC
TST
TLD
TC
TJ
Parameter
ELECTRICAL SPECIFICATIONS
Units
Max.
7
25
7.5
8.0
0.8
-
135
+1
-
50
0.033
1.5
-
-
-
-
-
-
8.0
0.7
1.7
-
MSK 4400
Typ. 3
6
22
6.6
7.1
-
-
100
-
-
-
-
1.3
62
58
100
100
2
2
7.0
0.5
-
120
Test Condition
2
Rev.E 6/01
1 Use for maximum MOSFET junction temperature calculations.
2 Use for overall efficiency and dissipation calculations.
3 Typical parameters are representative of actual device performance but are for reference only.
4 Parameter is 100% tested on production devices. All other parameters are guaranteed.
Min.
-
-
5.75
6.2
-
2.7
60
-1
75
-
-
-
-
-
-
-
-
-
6.0
0.3
-
-
NOTES:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com