Electronic Components Datasheet Search
  English  ▼

X  

MSK4400 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK4400
Description  10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4400 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK4400 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4400 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4400 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4400 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4400 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
MSK 4400 PINOUT DESCRIPTIONS
3
Rev. E 6/01
AØ, BØ, CØ - Are the connections to the motor phase
windings from the bridge output. The wiring to these pins
should be sized according to the required current by the
motor. There are no short circuit provisions for these out-
puts. Shorts to V+ or gound from these pins must be
avoided or the bridge will be destroyed.
AL, BL, CL - Are the logic level inputs for controlling the
low side switch for each of the three phases. A logic
HIGH turns the low side output on, sinking the output cur-
rent and pulling it down. If the corresponding high side
switch is ON, the device will turn off the high side output,
insert the dead time and then command the lowside out-
put on. The low side input has priority over the high side
input.
AH, BH, CH - Are the logic level inputs for controlling the
high side switch for each of the three phases. A logic low
turns the high side output ON, sourcing the output current
and pulling it up. If the corresponding low side switch is
ON, the device will ignore the high side input until the
lowside is turned off and dead time has elapsed. Again,
the lowside input has priority.
AV+,BV+,CV+ - Are the power connections from the
hybrid to the bus. The pins for each phase are brought out
separately and must be connected together to the V+
source externally. The external wiring to these pins should
be sized according to the RMS current required by the
motor. These pins should be bypassed by a high quality
monolithic ceramic capacitor for high frequencies and
enough bulk capacitance for keeping the V+supply from
drooping. 1000µF of bulk capacitance was used in the
test circuit. The voltage range on these pins is from 16
volts up to 75 volts.
RSENSE - Is the connection point for the bottom of the
three phase bridge. A low value resistor between here
and the GND will produce a voltage proportional to cur-
rent in the bridge. Both pins must be connected. If a resis-
tor is not used, these pins must be connected to GND.
EN - Is the logic level input for enabling and disabling the
bridge outputs. A logic low enables output switching.
GND - Is the logic input return connection, the VBIAS
return and the V+ return.
SWR - Is the control for the amount of dead time be-
tween a high side switch ON and the corresponding low
side switch OFF and vice versa. Leaving it open creates
the most dead time, while connecting a 12 K resistor to
VBIAS creates the least.
VBIAS - Is the supply voltage for running all of the low
level logic and gate drive functions.This pin should be by-
passed to GND using a 0.1µF ceramic capacitor and a
4.7µF bulk capacitor.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com