Electronic Components Datasheet Search
  English  ▼

X  

MIC809M Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC809M
Description  Dual Voltage Supervisor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809M Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC809M Datasheet HTML 1Page - Micrel Semiconductor MIC809M Datasheet HTML 2Page - Micrel Semiconductor MIC809M Datasheet HTML 3Page - Micrel Semiconductor MIC809M Datasheet HTML 4Page - Micrel Semiconductor MIC809M Datasheet HTML 5Page - Micrel Semiconductor MIC809M Datasheet HTML 6Page - Micrel Semiconductor MIC809M Datasheet HTML 7Page - Micrel Semiconductor MIC809M Datasheet HTML 8Page - Micrel Semiconductor MIC809M Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Micrel
MIC2772
Electrical Characteristics cont.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tPROP
/MR to /RESET Propagation
Delay
/MRn < VIL → /RESETn < VIL
0.5
µs
tMIN
Minimum Input Pulse Width
Reset Occurs
10
µs
tREJECT
Widest Pulse Ignored
No Reset Occurs
100
ns
RPU
Pull-up Resistance
10
20
30
k
Ω
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Timing Diagram
VCCn
/MR
n
/RESET
n
tRST
tRST
VTH
MIC2772 Timing Diagram
April 2005
5
M9999-042605
(408) 955-1690



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com