Electronic Components Datasheet Search
  English  ▼

X  

MIC809M Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC809M
Description  Dual Voltage Supervisor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809M Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC809M Datasheet HTML 1Page - Micrel Semiconductor MIC809M Datasheet HTML 2Page - Micrel Semiconductor MIC809M Datasheet HTML 3Page - Micrel Semiconductor MIC809M Datasheet HTML 4Page - Micrel Semiconductor MIC809M Datasheet HTML 5Page - Micrel Semiconductor MIC809M Datasheet HTML 6Page - Micrel Semiconductor MIC809M Datasheet HTML 7Page - Micrel Semiconductor MIC809M Datasheet HTML 8Page - Micrel Semiconductor MIC809M Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC2772
Dual Voltage Supervisor
General Description
The MIC2772 is a dual power supply supervisor that
provides under-voltage monitoring and power-on
reset generation.
It may replace two discrete
voltage supervisors such as MIC1810, MIC1815,
MIC809, MIC811, MIC6315, etc.
The two voltage
supervisors
are
completely
independent.
Each
functional block features an under-voltage detector,
a delay-generator, and a de-bounced manual reset
input.
A wide choice of voltage thresholds is available.
The reset output is asserted at power-on and any
time the input voltage drops below the reference
voltage. It remains asserted for the chosen timeout
period after the input rises back above the threshold.
Reset timeouts of 20, 140, and 1100ms (minimum)
are available.
A reset can be generated at any time by asserting
the manual reset input, /MR. This input is internally
de-bounced, and the reset output will remain active
for the timeout period after the release of /MR. The
/MR input can also be used to daisy-chain one or
more of the MIC2772’s supervisors onto existing
power monitoring circuitry or other supervisors.
The tiny 2x2mm MLF package has a footprint
smaller than that of a single SOT23 voltage
supervisor.
Data sheets and support documentation can be
found on Micrel’s web site at www.micrel.com.
Features
• Two independent voltage supervisors
• Directly replaces discrete supervisors
• Generates power-on reset pulses
• De-bounced manual reset Inputs
• Choice of voltage thresholds
• 20, 140, or 1100ms reset timeouts
• Reset output may be pulled above VCC
• Rejects brief input transients
• Ultra-small 2x2mm MLF package
Applications
• Servers
• Embedded Controllers
• Telecommunications Systems
• Power Supply Sequencing
• Hot-swapping
• Power supplies
____________________________________________________________________________________________________
Typical Application
MR1
MR2
GND2
RESET2
VCC2
VCC2
10k
10k
RESET1
VCC1
VCC1
GND1
RESET
VCC
GND
GND
RESET
VCC
µP
µP
MIC2772 Typical Application Circuit
April 2005
M9999-042005
(408) 955-1690


Similar Part No. - MIC809M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC809MBC3 MICREL-MIC809MBC3 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809MU MICREL-MIC809MU Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809MU MICREL-MIC809MU Datasheet
288Kb / 6P
Microprocessor Reset Circuits
MIC809MUY MICREL-MIC809MUY Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809MUY MICREL-MIC809MUY Datasheet
288Kb / 6P
Microprocessor Reset Circuits
More results

Similar Description - MIC809M

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
Voltage Supervisor
2005
logo
Micrel Semiconductor
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
Dual Micro-Power Low Voltage Supervisor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
Dual Micro-Power Low Voltage Supervisor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
Dual Voltage Supervisor
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
logo
Micrel Semiconductor
MIC2774 MICREL-MIC2774_15 Datasheet
456Kb / 11P
Dual Micro-Power Low Voltage Supervisor
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com