Electronic Components Datasheet Search
  English  ▼

X  

OP600 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP600
Description  NPN Silicon Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP600 Datasheet(HTML) 1 Page - TT Electronics.

  OP600 Datasheet HTML 1Page - TT Electronics. OP600 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Silicon Phototransistor
OP600 Series
© TT electronics plc
Issue B
09/2017
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each device in this series is a NPN silicon phototransistor in a hermetically sealed pill package. The narrow receiving angle
provides excellent on-axis coupling
The OP600 series devices are 100% production tested using infrared light for close correlation with OPTEK GaAs and GaAIAs
emitters. Components in the OP600 series are mechanically and spectrally matched to the OP123 and OP233 series
TX and TXV components are available. For more information, please contact your local representative or OPTEK.
Please refer to Application Bulletins 208 and 210 for additional information and reliability (degradation) data, and to
Application Bulletin 202 for pill-type soldering to PC Board.
Features:
Narrow receiving angle
Variety of sensitivity ranges
Enhanced temperature range
PC Board Mounting
Mechanically and spectrally matched to OP123 and OP223 LEDs
TX and TXV processing available (see Hi-Rel section)
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
RoHS
Applications:
Non-contact reflective object sensor
Assembly line automation
Machine automation
Machine safety
End of travel sensor
Door sensor
Ordering Information
Part
Number
Sensor
Light Current
IC(ON) (mA)
Min / Max
Input Power
EE (mW/cm
2) Viewing
Angle
OP600A
Transistor
1.20 / NA
2.5
35°
OP600B
0.60 / 1.80
OP600C
0.30 / NA
20.0
OP643SL
4.00 / 8.00
OP644SL
7.00 / 22.00
1
2
Pin #
Sensor
1
Collector/Cathode
2
Emitter/Anode
INCH-
[MILL
DIMENSIONS
DIMENSIONS ARE IN: [Millimeters]
Inches


Similar Part No. - OP600

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP600 OPTEK-OP600 Datasheet
90Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP600A OPTEK-OP600A Datasheet
275Kb / 2P
NPN Silicon Phototransistors
OP600B OPTEK-OP600B Datasheet
275Kb / 2P
NPN Silicon Phototransistors
OP600C OPTEK-OP600C Datasheet
275Kb / 2P
NPN Silicon Phototransistors
More results

Similar Description - OP600

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com