Electronic Components Datasheet Search
  English  ▼

X  

OP600 Datasheet(PDF) 2 Page - TT Electronics.

Part # OP600
Description  NPN Silicon Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP600 Datasheet(HTML) 2 Page - TT Electronics.

  OP600 Datasheet HTML 1Page - TT Electronics. OP600 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© TT electronics plc
Issue B 09/2017
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
NPN Silicon Phototransistor
OP600 Series
Absolute Maximum Ratings (TA = 25˚C unless otherwise noted)
Collector-Emitter Voltage
25 V
Emitter-Collector Voltage
5 V
Storage Temperature Range
-65° C to +150° C
Operating Temperature Range
-65° C to +125° C
Soldering Temperature (5 seconds with soldering iron)
260° C
(1)(2)
Power Dissipation
50 mW
(3)
Continuous Collector Current
50 mA
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IC(ON)
(4)
On-State Collector Current
OP600A
OP600B
OP600C
OP643SL
OP644SL
1.2
0.6
0.3
4.0
7.0
-
-
-
-
-
-
-
1.8
1.8
1.8
8.0
22.0
VCE = 5 V, EE = 2.5 mW/cm
2(5)
mA
VCE = 5 V, EE = 20 mW/cm
2(5)
ICEO
Collector-Dark Current
-
-
-
nA
VCE = 10 V, EE = 0
V(BR)CEO
Collector-Emitter Breakdown Voltage
25
-
-
V
IC = 100 μA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 μA
VCE(SAT)
(4)
Collector-Emitter
OP600 (A, B, C)
(2)(7)
OP643-644 (SL)
(2)(7)
-
-
0.4
V
IC = 0.15 mA, EE = 2.5 mW/cm
2(5)
IC = 0.4 mA, EE = 20 mW/cm
2(5)
tr
Rise Time
-
15
-
µs
Vcc = 5 V, IC = 0.80 mA,
RL = 1 kΩ, See Test Circuit
tf
Fall Time
-
15
-
µs
Vcc = 5 V, IC = 0.80 mA,
RL = 1 kΩ, See Test Circuit
Notes:
(1)
Refer to Application Bulleting 202, which discusses proper techniques for soldering pill-type devices to PCBoards.
(2)
No clean or low solids. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(3)
Derate linearly 0.5 mW/° C above 25° C.
(4)
Junction temperature maintained at 25° C.
(5)
For OP600A, OP600B and OP600C, light source is a GaAIAs LED, peak wavelength = 890 nm, that provides irradiance of 2.5 mW/cm
2. The
source irradiance is not necessarily uniform over the entire lens area of the unit being tested.
(6)
For OP643SL and OP644SL, light source is an unfiltered tungsten bulb operating at CT = 2870 K or equivalent infrared source.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com