Electronic Components Datasheet Search
  English  ▼

X  

AS78L05C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS78L05C
Description  100mA POSITIVE VOLTAGE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS78L05C Datasheet(HTML) 1 Page - Diodes Incorporated

  AS78L05C Datasheet HTML 1Page - Diodes Incorporated AS78L05C Datasheet HTML 2Page - Diodes Incorporated AS78L05C Datasheet HTML 3Page - Diodes Incorporated AS78L05C Datasheet HTML 4Page - Diodes Incorporated AS78L05C Datasheet HTML 5Page - Diodes Incorporated AS78L05C Datasheet HTML 6Page - Diodes Incorporated AS78L05C Datasheet HTML 7Page - Diodes Incorporated AS78L05C Datasheet HTML 8Page - Diodes Incorporated AS78L05C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AS78LXX
Document number: DSxxxxx Rev. 3 - 1
1 of 17
www.diodes.com
August 2013
© Diodes Incorporated
AS78LXX
A Product Line of
Diodes Incorporated
100mA POSITIVE VOLTAGE REGULATOR
Description
The AS78LXX series are three terminal positive regulators designed
for a wide variety of applications including local, on-card regulation.
This series of regulators are complete with internal current limiting,
thermal shutdown protection, and safe-area compensation which
make them virtually immune from output overload. If adequate heat
sinking are provided, these regulators can deliver output currents up
to 100mA.
The AS78LXX series are available in TO-92 (bulk or ammo packing),
SOT-89 and SOIC-8 packages.
Features
Output Current up to 100mA
Fixed Output Voltages of 5V, 12V and 15V
Output Voltage Accuracy of ±5% over the Full Temperature
Range
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
No External Components
Output Transistor Safe-area Protection
Applications
Consumer Electronics
Microprocessor Power Supply
Mother Board
Pin Assignments
Z Package
Z Package
R Package
(TO-92(Bulk Packing))
(TO-92(Ammo Packing))
(SOT-89 Option 1)
R Package
M Package
(SOT-89 Option 2)
(SOIC-8)
1
2
3
OUTPUT
GND
INPUT
OUTPUT
GND
INPUT
1
2
3
INPUT
GND
1
2
3
4
8
7
6
5
GND
NC
NC
GND
GND
OUTPUT
1
2
3
INPUT
GND
OUTPUT
GND
INPUT
1
2
3
GND
OUTPUT
GND


Similar Part No. - AS78L05C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05CZTR-E1 BCDSEMI-AS78L05CZTR-E1 Datasheet
874Kb / 20P
100mA POSITIVE VOLTAGE REGULATOR
AS78L05CZTR-E1 BCDSEMI-AS78L05CZTR-E1 Datasheet
972Kb / 18P
100mA POSITIVE VOLTAGE REGULATOR
AS78L05CZTR-G1 BCDSEMI-AS78L05CZTR-G1 Datasheet
874Kb / 20P
100mA POSITIVE VOLTAGE REGULATOR
AS78L05CZTR-G1 BCDSEMI-AS78L05CZTR-G1 Datasheet
972Kb / 18P
100mA POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AS78L05C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
100mA POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
logo
TAITRON Components Inco...
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
100mA Adustable Positive Voltage Regulator
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
100mA Positive Voltage Regulator
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
100mA Adjustable Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
100mA Positive Voltage Regulator
VER1.5
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
100mA POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com