Electronic Components Datasheet Search
  English  ▼

X  

AS78L05C Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AS78L05C
Description  100mA POSITIVE VOLTAGE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS78L05C Datasheet(HTML) 3 Page - Diodes Incorporated

  AS78L05C Datasheet HTML 1Page - Diodes Incorporated AS78L05C Datasheet HTML 2Page - Diodes Incorporated AS78L05C Datasheet HTML 3Page - Diodes Incorporated AS78L05C Datasheet HTML 4Page - Diodes Incorporated AS78L05C Datasheet HTML 5Page - Diodes Incorporated AS78L05C Datasheet HTML 6Page - Diodes Incorporated AS78L05C Datasheet HTML 7Page - Diodes Incorporated AS78L05C Datasheet HTML 8Page - Diodes Incorporated AS78L05C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AS78LXX
Document number: DSxxxxx Rev. 3 - 1
3 of 17
www.diodes.com
August 2013
© Diodes Incorporated
AS78LXX
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
36
V
TJ
Operating Junction Temperature
150
ºC
TLEAD
Lead Temperature (Soldering, 10sec)
260
ºC
PD
Power Dissipation
750
mW
TSTG
Storage Temperature Range
-65 to 150
ºC
JA
Thermal Resistance
TO-92
180
ºC/W
ESD
ESD (Human Body Model)
2000
V
ESD
ESD (Machine Model)
200
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating
Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
AS78L05
30
V
AS78L12
36
AS78L15
36
TJ
Operating Junction Temperature Range
-40
125
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com