Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1107Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1107Q
Description  AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107Q Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1107Q Datasheet HTML 1Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 2Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 3Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 4Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 5Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 6Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 7Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 8Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ZXCT1107Q/09Q/10Q
Document number: DS37002 Rev. 3 - 2
2 of 17
www.diodes.com
October 2018
© Diodes Incorporated
ZXCT1107Q/09Q/10Q
Pin Descriptions
Package
SOT23
SOT25
Description
Name
ZXCT1107Q
ZXCT1109Q
ZXCT1110Q
OUT
1
1
3
Output pin (Note 5). Current output.
S+
3
2
4
This is the positive input of the current monitor and has a wide common-mode
input range. This also acts as the analog supply and provides power to internal
circuitry. The current through this pin varies with differential sense voltage.
S-
2
3
5
This is the negative input of the current monitor and has a wide common-mode
input range.
GND
—
—
2
Ground pin and substrate connection.
NC
—
—
1
No connection.
Note:
5. For the ZXCT1107Q and ZXCT1109Q pin 1 (OUT) acts as both the output pin and substrate connection. This means that for the ZXCT1107Q and
ZCT1109Q the minimum rail voltage that can be used is 2.5V + VOUT (see applications section for more details).
Absolute Maximum Ratings
Description
Rating
Unit
Voltage on S- and S+ relative to OUT (ZXCT1107Q/09Q)
-0.3 to 40
V
Voltage on S- and S+ relative to GND (ZXCT1110Q)
-0.3 to 40
V
Voltage on OUT to GND (ZXCT1110Q)
-0.3 to VS+
V
Differential Sense Voltage, VSENSE (Notes 6 and 7)
-0.3 to +0.8
V
Maximum Current into S+ and S- (Note 7)
±8.5
mA
Storage Temperature
-55 to +150
°C
Maximum Junction Temperature
+150
°C
Package Power Dissipation (TA = +25°C)
SOT23
SOT25
300 (Derate to Zero at +150°C)
300 (Derate to Zero at +150°C)
mW
ESD Ratings
ZXCT1107Q/09Q
HBM
Human Body Model
1,500
V
MM
Machine Model
150
V
CDM
Charged Device Model
1,000
V
ZXCT1110Q
HBM
Human Body Model
1,000
V
MM
Machine Model
150
V
CDM
Charged Device Model
1,000
V
Notes:
6. VSENSE = VS+ - VS-.
7. The differential input voltage limit, VS+ - VS-, may be exceeded provided that the input current limit into S+ or S- is not exceeded.
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not implied.
Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com