Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1107Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1107Q
Description  AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107Q Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1107Q Datasheet HTML 1Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 2Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 3Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 4Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 5Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 6Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 7Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 8Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ZXCT1107Q/09Q/10Q
Document number: DS37002 Rev. 3 - 2
3 of 17
www.diodes.com
October 2018
© Diodes Incorporated
ZXCT1107Q/09Q/10Q
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VS+
Common-Mode Input Range (Note 5)
ZXCT1110Q
2.5
36
V
ZXCT1107Q/09Q
VOUT(MAX) + 2.5
36
VSENSE
Differential Sense Input Voltage Range (VS+ - VS-) (Note 8)
0
0.5
V
VOUT
Output Voltage Range
(0 ≤ VSENSE ≤ 100mV)
ZXCT1110Q
0
VS- - 1
V
ZXCT1107Q/09Q
0
VS+ - 2.5
TA
Ambient Temperature Range
-40
+125
°C
Notes:
5.
For the ZXCT1107Q and ZXCT1109Q pin 1 (OUT) acts as both the output pin and substrate connection. This means that for the ZXCT1107Q and
ZCT1109Q the minimum rail voltage that can be used is 2.5V + VOUT (see applications section for more details).
8.
The device operates linearly over the range 10mV
≤ VSENSE ≤500mV, however at 0V < VSENSE <10mV the output current due VSENSE is not guaranteed to
remain linear and may fall to 0.
Electrical Characteristics (@TA = +25°C, VS+ = 20V, VSENSE = 100mV, RGAIN = 0, unless otherwise stated) (Note 6)
ZXCT1107Q, ZXCT1109Q
Symbol
Parameter
Conditions
TA
Min
Typ
Max
Unit
IS-
S- Input Current
VSENSE = 0V
+25°C
—
19
100
nA
-40°C
—
16
—
+125°C
—
35
—
IOUT
Output Current (Note 9)
VSENSE = 0mV
+25°C
1
3
10
µA
-40°C
—
2.2
—
+125°C
—
5.5
—
VSENSE = 10mV
+25°C
37
45
54
-40°C
—
42
—
+125°C
—
49
—
VSENSE = 30mV
+25°C
115
124
134
-40°C
—
119
—
+125°C
—
129
—
VSENSE = 100mV
+25°C
394
408
422
-40°C
—
396
—
+125°C
—
420
—
VSENSE = 200mV
+25°C
787
810
832
-40°C
—
785
—
+125°C
—
832
—
VSENSE = 500mV
+25°C
1.965
2.015
2.064
mA
-40°C
—
1.965
—
+125°C
—
2.065
—
IOUT -TC
Output Current Temperature Coefficient
—
Full Range
—
370
—
ppm/°C
CMSR
Common-Mode Sense Rejection
VS+ = 2.5V to 36V
+25°C
—
0.1
0.4
µA/V
-40°C
—
0.13
—
+125°C
—
0.05
—
BW
-3dB Small Signal Bandwidth
VSENSE (AC) = 10mVPP
(Note 6) RGAIN = 2.5kΩ
+25°C
—
0.65
—
MHz
Notes:
6.
VSENSE = VS+ - VS-.
9.
Output current characteristic measured with low impedance ammeter connected to GND.
The device operates linearly over the range 10mV ≤ VSENSE ≤500mV. At 0 < VSENSE < 10mV the output current due VSENSE is not guaranteed to remain
linear and may fall to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com