| Electronic Components Datasheet Search |
|
P89LPC915 Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC915 Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 72 page ![]() Philips Semiconductors P89LPC915/916/917 8-bit microcontrollers with accelerated two-clock 80C51 core Product data Rev. 04 — 17 December 2004 2 of 72 9397 750 14397 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. • In-Application Programming (IAP-Lite) and byte erase allows code memory to be used for non-volatile data storage. • Serial Flash In-Circuit Programming (ICP) allows simple production coding with commercial EPROM programmers. Flash security bits prevent reading of sensitive application programs. • Watchdog timer with separate on-chip oscillator, requiring no external components. The Watchdog prescaler is selectable from 8 values. • Low-voltage reset (Brownout detect) allows a graceful system shutdown when power fails. May optionally be configured as an interrupt. • Idle and two different power-down reduced power modes. Improved wake-up from Power-down mode (a low interrupt input starts execution). Typical power-down current is 1 µA (total power-down with voltage comparators disabled). • Active-LOW reset. On-chip power-on reset allows operation without external reset components. A reset counter and reset glitch suppression circuitry prevent spurious and incomplete resets. A software reset function is also available. • Programmable port output configuration options: quasi-bidirectional, open drain, push-pull, input-only. • Port ‘input pattern match’ detect. Port 0 may generate an interrupt when the value of the pins match or do not match a programmable pattern. • LED drive capability (20 mA) on all port pins. A maximum limit is specified for the entire chip. • Controlled slew rate port outputs to reduce EMI. Outputs have approximately 10 ns minimum ramp times. • Only power and ground connections are required to operate the P89LPC915/916/917 when internal reset option is selected. • Four interrupt priority levels. • Five (P89LPC916), six (P89LPC915), or seven (P89LPC917) keypad interrupt inputs. • Second data pointer. • Schmitt trigger port inputs. • Emulation support. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |