Electronic Components Datasheet Search
  English  ▼

X  

P89LPC915 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P89LPC915
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC915 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P89LPC915 Datasheet HTML 25Page - NXP Semiconductors P89LPC915 Datasheet HTML 26Page - NXP Semiconductors P89LPC915 Datasheet HTML 27Page - NXP Semiconductors P89LPC915 Datasheet HTML 28Page - NXP Semiconductors P89LPC915 Datasheet HTML 29Page - NXP Semiconductors P89LPC915 Datasheet HTML 30Page - NXP Semiconductors P89LPC915 Datasheet HTML 31Page - NXP Semiconductors P89LPC915 Datasheet HTML 32Page - NXP Semiconductors P89LPC915 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
Philips Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 04 — 17 December 2004
29 of 72
9397 750 14397
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.
Functional description
Remark: Please refer to the
P89LPC915/916/917 User’s Manual for a more detailed
functional description.
9.1 Enhanced CPU
The P89LPC915/916/917 uses an enhanced 80C51 CPU which runs at 6 times the
speed of standard 80C51 devices. A machine cycle consists of two CPU clock cycles,
and most instructions execute in one or two machine cycles.
9.2 Clocks
9.2.1
Clock definitions
The P89LPC915/916/917 device has several internal clocks as defined below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of three
clock sources (see Figure 10) and can also be optionally divided to a slower
frequency (see Section 9.7 “CPU Clock (CCLK) modification: DIVM register”).
Note: fosc is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per
machine cycle, and most instructions are executed in one to two machine cycles (two
or four CCLK cycles).
RCCLK — The internal 7.373 MHz RC oscillator output.
PCLK — Clock for the various peripheral devices and is CCLK/2
9.2.2
CPU clock (OSCCLK)
The P89LPC915/916/917 provide user-selectable oscillator options in generating the
CPU clock. This allows optimization for a range of needs from high precision to lowest
possible cost. These options are configured when the FLASH is programmed and
include an on-chip Watchdog oscillator, an on-chip RC oscillator, and an external
clock input.
9.2.3
Clock output (P89LPC917)
The P89LPC917 supports a user selectable clock output function on the CLKOUT
pin. This allows external devices to synchronize to the P89LPC917. This output is
enabled by the ENCLK bit in the TRIM register. The frequency of this clock output is
1
⁄2 that of the CCLK. If the clock output is not needed in Idle mode, it may be turned
off prior to entering Idle, saving additional power.
9.3 On-chip RC oscillator option
The P89LPC915/916/917 has a 6-bit TRIM register that can be used to tune the
frequency of the RC oscillator. During reset, the TRIM value is initialized to a factory
pre-programmed value to adjust the oscillator frequency to 7.373 MHz,
±1 % at room
temperature. End-user applications can write to the TRIM register to adjust the
on-chip RC oscillator to other frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com