Electronic Components Datasheet Search
  English  ▼

X  

CPC1025N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1025N
Description  400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1025N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1025N Datasheet HTML 1Page - IXYS Corporation CPC1025N Datasheet HTML 2Page - IXYS Corporation CPC1025N Datasheet HTML 3Page - IXYS Corporation CPC1025N Datasheet HTML 4Page - IXYS Corporation CPC1025N Datasheet HTML 5Page - IXYS Corporation CPC1025N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1025N
400V Normally-Open Single-Pole
4-Pin SOP OptoMOS® Relay
www.ixysic.com
DS-CPC1025N-R09
1
Part #
Description
CPC1025N
4-Pin SOP (100/tube)
CPC1025NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
400
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
30
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 1500V
rms Input/Output Isolation
• Small 4-Pin SOP Package
• Low Drive Power Requirements
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Tape & Reel Version Available
• Flammability Rating UL 94 V-0
The CPC1025N is a miniature normally-open
(1-Form-A) solid state relay in a 4-pin SOP package
that employs optically coupled MOSFET technology
to provide 1500V
rms of input to output isolation. The
efficient MOSFET switches and photovoltaic die
use IXYS Integrated Circuits Division’s patented
OptoMOS architecture while the optically coupled
output is controlled by a highly efficient infrared LED.
The CPC1025N uses IXYS Integrated Circuits
Division’s state of the art double-molded vertical
construction packaging to produce one of the world’s
smallest relays. It offers board space savings of at
least 20% over the competitor’s larger 4-pin SOP
relay.
Approvals
Switching Characteristics
of Normally-Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
+ Control
– Control
Load
Load
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 13 12 82667 003


Similar Part No. - CPC1025N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1025N CLARE-CPC1025N Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1025NTR CLARE-CPC1025NTR Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1025N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1002N IXYS-CPC1002N Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1035N IXYS-CPC1035N Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1225N IXYS-CPC1225N Datasheet
165Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com