Electronic Components Datasheet Search
  English  ▼

X  

CPC1025N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1025N
Description  400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1025N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1025N Datasheet HTML 1Page - IXYS Corporation CPC1025N Datasheet HTML 2Page - IXYS Corporation CPC1025N Datasheet HTML 3Page - IXYS Corporation CPC1025N Datasheet HTML 4Page - IXYS Corporation CPC1025N Datasheet HTML 5Page - IXYS Corporation CPC1025N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R09
CPC1025N
-40
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical Turn-On Time vs. Temperature
(I
L=80mA)
Temperature (ºC)
I
F=5mA
I
F=10mA
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
I
F =5mA
I
F =10mA
Temperature (ºC)
Typical Turn-Off Time vs. Temperature
(I
L=80mA)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical On-Resistance vs. Temperature
(I
F=10mA, IL=80mA)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=80mA)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Dropout
vs. Temperature
(I
L=80mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
Typical Load Current vs. Load Voltage
(I
F=5mA)
180
160
140
120
100
80
60
40
20
0
Temperature (ºC)
Maximum Load Current vs. Temperature
-40
-20
0
20
40
60
80
120
100
I =2mA
F
I =5mA
F
-40
455
450
445
440
435
430
425
420
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Leakage vs. Temperature
Measured Across Pins 3&4
(V
L=400V)
Load Voltage (V)
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
Output Capacitance vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100ms
1s
10ms
10s
100s
100 s
10 s
Energy Rating Curve
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com