Electronic Components Datasheet Search
  English  ▼

X  

CPC1217 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1217
Description  Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1217 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1217 Datasheet HTML 1Page - IXYS Corporation CPC1217 Datasheet HTML 2Page - IXYS Corporation CPC1217 Datasheet HTML 3Page - IXYS Corporation CPC1217 Datasheet HTML 4Page - IXYS Corporation CPC1217 Datasheet HTML 5Page - IXYS Corporation CPC1217 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1217-R05
1
CPC1217
Voltage-Controlled, Single-Pole,
Normally Open, 4-Pin SIP OptoMOS® Relay
e3
Pb
Part #
Description
CPC1217Y
4-Pin SIP (8-Pin Body) (25/tube)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
200
mA
rms / mADC
On-Resistance (max)
16
Input Voltage to operate
5-12
V
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Energy Meters
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Designed for use in Security Systems Complying
with EN50130-4
• Voltage-Controlled Operation
• 2500V
rms Input/Output Isolation
• 100% Solid State
• Matches Popular Reed Relay Pin-Out
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to Radiated EM Fields
• Small 4-Pin SIP Package
• Auto Pick & Place, Wave Solderable
The CPC1217 is a voltage-controlled, single-pole,
normally open (1-Form-A), optically coupled solid state
relay configuration in a 4-pin Single In-line Package
(SIP). IXYS Integrated Circuits Division's patented
OptoMOS architecture makes available the optically
coupled technology necessary to activate the output's
efficient MOSFET switches while providing a 2500V
rms
input-to-output isolation barrier. Control of the isolated
output is accomplished by means of a highly effective
GaAlAs infrared LED at the input while the internal
resistor in series with the LED enables the input's
voltage-controlled operation.
Because the input is solid state there is no need for
snubbers or "catch" diodes to suppress the inductive
flyback transient voltage normally associated with EMR
coils.
CPC1217 Pinout
Switching Characteristics
of Normally Open Devices
Approvals
• UL 508 Approved Component: File E69938
• CSA Certified Component: Certificate 1172007
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1234
–
+


Similar Part No. - CPC1217

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1217 CLARE-CPC1217 Datasheet
109Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1217Y CLARE-CPC1217Y Datasheet
109Kb / 5P
4-Pin SIP OptoMOS짰 Relay
logo
Littelfuse
CPC1217Y LITTELFUSE-CPC1217Y Datasheet
346Kb / 6P
60V, 200mA Voltage-Controlled
11/18/2025
More results

Similar Description - CPC1217

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA715 IXYS-LCA715 Datasheet
128Kb / 7P
Single-Pole, Normally Open 6-Pin OptoMOS Relay
CPC1215 IXYS-CPC1215 Datasheet
112Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open OptoMOS Relay
CPC1219 IXYS-CPC1219 Datasheet
117Kb / 6P
Voltage-Controlled, Single-Pole, Normally Closed, 4-Pin SIP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1218 IXYS-CPC1218 Datasheet
107Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
CPC1390 IXYS-CPC1390 Datasheet
137Kb / 7P
Single Pole, Normally Open 4-Pin OptoMOS Relay
CPC1393 IXYS-CPC1393 Datasheet
135Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1330 IXYS-CPC1330 Datasheet
132Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1394 IXYS-CPC1394 Datasheet
136Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com