Electronic Components Datasheet Search
  English  ▼

X  

CPC1217 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1217
Description  Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1217 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1217 Datasheet HTML 1Page - IXYS Corporation CPC1217 Datasheet HTML 2Page - IXYS Corporation CPC1217 Datasheet HTML 3Page - IXYS Corporation CPC1217 Datasheet HTML 4Page - IXYS Corporation CPC1217 Datasheet HTML 5Page - IXYS Corporation CPC1217 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R05
CPC1217
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
-40
14
12
10
8
6
4
2
-20
0
20
40
60
80
100
Steady State
V
IN = 5V
Temperature (ºC)
Typical On-Resistance vs. Temperature
(I
L=Max Rated @ Temperature)
Load Voltage (V)
200
100
-200
-2.00 -1.50
-0.50
0
1.00 1.50 2.00
150
-100
50
0
-50
-150
-1.00
0.50
Typical Load Current vs. Load Voltage
(V
IN=5V, TA=25ºC)
225
200
175
150
125
100
75
50
25
0
Typical Maximum Load Current
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
V
IN = 5V
-40
94
92
90
88
86
84
82
80
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 1&4)
(V
L=Max Rated)
Temperature (ºC)
Time
10 s
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
1ms
100 s
100ms
1s
10ms
10s
100s
Energy Rating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com