Electronic Components Datasheet Search
  English  ▼

X  

REF3240AIDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # REF3240AIDBVT
Description  4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3240AIDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF3240AIDBVT Datasheet HTML 4Page - Texas Instruments REF3240AIDBVT Datasheet HTML 5Page - Texas Instruments REF3240AIDBVT Datasheet HTML 6Page - Texas Instruments REF3240AIDBVT Datasheet HTML 7Page - Texas Instruments REF3240AIDBVT Datasheet HTML 8Page - Texas Instruments REF3240AIDBVT Datasheet HTML 9Page - Texas Instruments REF3240AIDBVT Datasheet HTML 10Page - Texas Instruments REF3240AIDBVT Datasheet HTML 11Page - Texas Instruments REF3240AIDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
REF3212,REF3220
REF3225,REF3230
REF3233,REF3240
SBVS058 −JUNE 2005
www.ti.com
8
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, ILOAD = 0mA, VIN = +5V power supply, REF3225 is used for typical characteristics, unless otherwise noted.
LONG−TERM STABILITY
(32 Units)
200
150
100
50
0
−50
−100
−150
−200
0400
200
600
800
1000
1200
Time (Hours)
THEORY OF OPERATION
The REF32xx is a family of CMOS, precision bandgap
voltage references. Figure 1 shows the basic bandgap
topology. Transistors Q1 and Q2 are biased so that the
current density of Q1 is greater than that of Q2. The
difference of the two base-emitter voltages (Vbe1 – Vbe2)
has a positive temperature coefficient and is forced across
resistor R1. This voltage is amplified and added to the
base-emitter voltage of Q2, which has a negative
temperature coefficient. The resulting output voltage is
virtually independent of temperature.
V
BANDGAP
Vbe
1
−
+
Vbe
2
−
+
R
1
Q
2
N
Q
1 I
Figure 1. Simplified Schematic of Bandgap
Reference
APPLICATION INFORMATION
The REF32xx does not require a load capacitor and is
stable with any capacitive load. Figure 2 shows typical
connections required for operation of the REF32xx. A
supply bypass capacitor of 0.47
µF is recommended.
1
2
3
6
5
4
+2.5V
0.47
µF
+5V
Figure 2. Typical Operating Connections for the
REF3225
SUPPLY VOLTAGE
The REF32xx family of references features an extremely
low dropout voltage. With the exception of the REF3212,
which has a minimum supply requirement of 1.8V, these
references can be operated with a supply of only 5mV
above the output voltage in an unloaded condition. For
loaded conditions, a typical dropout voltage versus load is
shown in the Typical Characteristic curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com