Electronic Components Datasheet Search
  English  ▼

X  

REF3240AIDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF3240AIDBVT
Description  4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3240AIDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3240AIDBVT Datasheet HTML 6Page - Texas Instruments REF3240AIDBVT Datasheet HTML 7Page - Texas Instruments REF3240AIDBVT Datasheet HTML 8Page - Texas Instruments REF3240AIDBVT Datasheet HTML 9Page - Texas Instruments REF3240AIDBVT Datasheet HTML 10Page - Texas Instruments REF3240AIDBVT Datasheet HTML 11Page - Texas Instruments REF3240AIDBVT Datasheet HTML 12Page - Texas Instruments REF3240AIDBVT Datasheet HTML 13Page - Texas Instruments REF3240AIDBVT Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
REF3212,REF3220
REF3225,REF3230
REF3233,REF3240
SBVS058 −JUNE 2005
www.ti.com
10
LONG-TERM STABILITY
Long-term stability refers to the change of the output
voltage of a reference over a period of months or years.
This effect lessens as time progresses, as is shown by the
long-term stability Typical Characteristic curves. The
typical drift value for the REF32xx is 55ppm from 0 to 1000
hours. This parameter is characterized by measuring 30
units at regular intervals for a period of 1000 hours.
LOAD REGULATION
Load regulation is defined as the change in output voltage
as a result of changes in load current. The load regulation
of the REF32xx is measured using force and sense
contacts, as shown in Figure 4. The force and sense lines
can be used to effectively eliminate the impact of contact
and trace resistance, resulting in accurate voltage at the
load. By connecting the force and sense lines at the load,
the REF32xx compensates for the contact and trace
resistances because it measures and adjusts the voltage
actually delivered at the load.
1
2
3
6
5
4
R
LOAD
0.47
µF
+5V
GND_F
Contact and Trace Resistance
GND_S
SHDN
OUT_F
OUT_S
IN
REF32xx
Figure 4. Accurate Load Regulation of REF32xx
APPLICATION CIRCUITS
NEGATIVE REFERENCE VOLTAGE
For applications requiring a negative and positive
reference voltage, the REF32xx and OPA735 can be used
to provide a dual-supply reference from a
±5V supply.
Figure 5 shows the REF3225 used to provide a
±2.5V
supply reference voltage. The low drift performance of the
REF32xx complements the low offset voltage and zero
drift of the OPA735 to provide an accurate solution for
split-supply applications. Care must be taken to match the
temperature coefficients of R1 and R2.
−2.5V
+2.5V
+5V
1
2
5
6
34
NOTE: Bypass capacitor is not shown.
R
1
10k
Ω R
2
10k
Ω
−5V
+5V
OPA735
REF3225
Figure 5. REF3225 Combined with OPA735 to
Create Positive and Negative Reference Voltages
DATA ACQUISITION
Data acquisition systems often require stable voltage
references to maintain accuracy. The REF32xx family
features stability and a wide range of voltages suitable for
most microcontrollers and data converters. Figure 6,
Figure 7, and Figure 8 show basic data acquisition
systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com