Electronic Components Datasheet Search
  English  ▼

X  

SL2364 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SL2364
Description  VERY HIGH PERFORMANCE TRANSISTOR ARRAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL2364 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SL2364 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL2364 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL2364
TYPICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Maximum individual transistor dissipation 200mW
Storage temperature
-55
°C to + 150°C
Maximum junction temperature
+ 150
°C
Package thermal resistance (
°C/W):
Chip to case
45 (MP14)
35 (DC14)
Chip to ambient 123 (MP14)
120 (DC14)
VCBO = 10V, VEBO = 2 5V VCEO = 6V. VCIO = 15V
IC (any one transistor) = 20mA
The substrate should be connected to the most negative
point of the circuit to maintain electrical isolation between
the transistors.
6
4
2
0
0
2
468
10
I
C
(mA)
1.1
1.0
0.9
0.8
0.7
-60
-20
+20
+140
+100
+60
TEMPERATURE (°C)
fT NORMALISED AT +20°C
VCE = 2V
IC = 4.5mA
Fig. 2 Collector current
Fig. 3 Chip temperature



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com