Electronic Components Datasheet Search
  English  ▼

X  

SL2364 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SL2364
Description  VERY HIGH PERFORMANCE TRANSISTOR ARRAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL2364 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SL2364 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL2364 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL2364
VERY HIGH PERFORMANCE TRANSISTOR ARRAYS
The SL2364 is an array of transistors internally connected
to form a dual long-tailed pair with tail transistors. This is a
monolithic integrated circuit manufactured on a very high
speed bipolar process which has a minimum useable fT of
2.5GHz, (typically 5GHz).
The SL2364 is in a 14 SO package and a high
performance Dilmon encapsulation.
DS 3305 -2.0
FEATURES
Complete Dual Long-Tailed Pair in One Package
Very High fT - Typically 5 GHz
Very Good Matching Including Thermal Matching
APPLICATIONS
Wide Band Amplification Stages
140 and 560 MBit PCM Systems
Fibre Optic Systems
High Performance Instrumentation
Radio and Satellite Communications
14
13
12
11
10
9
8
7
6
5
4
1
2
3
SUB
Q2
Q1
Q3
Q4
Q5
Q6
SL2364C
Fig. 1 Pin connections (top view)
DC14
MP14
NOTE 1.
∆V
BE applies to | VBEQ3 - VBEQ4 | and | VBEQ5 - VBEQ6 |
BV
CBO
LV
CEO
BV
EBO
BV
CIO
h
FE
f
T
∆V
BE (See note 1)
∆V
BE / TAMB
C
CB
C
CI
Max.
5
0.8
1.5
Typ.
20
9
5.0
40
80
5
2
-1.7
0.5
1.0
Min.
10
6
2.5
16
50
2.5
V
V
V
V
GHz
mV
mV/
°C
pF
pF
I
C = 10µA
I
C = 5mA
I
E = 10µA
I
C = 10µA
I
C = 8mA, VCE = 2V
I
C Tail) = 8mA, VCE = 2V
I
C Tail) = 8mA, VCE = 2V
I
C Tail) = 8mA, VCE = 2V
V
CB = 0
V
CI = 0
Value
Characteristics
Units
Conditions
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed of the following conditions (unless otherwise stated):
T
amb = 22°C ±2°C
ADVANCE INFORMATION


Similar Part No. - SL2364

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2364C ETC1-SL2364C Datasheet
261Kb / 2P
VERY HIGH PERFORMANCE TRANSISTOR ARRAYS
More results

Similar Description - SL2364

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3146 INTERSIL-CA3146 Datasheet
121Kb / 12P
High-Voltage Transistor Arrays
April 2000
HFA3046 INTERSIL-HFA3046 Datasheet
57Kb / 9P
Ultra High Frequency Transistor Arrays
October 1998
logo
Panasonic Semiconductor
AN90B00 PANASONIC-AN90B00 Datasheet
268Kb / 7P
TRANSISTOR ARRAYS
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
TRANSISTOR ARRAYS
logo
List of Unclassifed Man...
SL2364C ETC1-SL2364C Datasheet
261Kb / 2P
VERY HIGH PERFORMANCE TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
HFA3046 INTERSIL-HFA3046_05 Datasheet
298Kb / 13P
Ultra High Frequency Transistor Arrays
December 21, 2005
logo
Renesas Technology Corp
HFA3046 RENESAS-HFA3046 Datasheet
699Kb / 14P
Ultra High Frequency Transistor Arrays
HFA3046 RENESAS-HFA3046_V01 Datasheet
790Kb / 16P
Ultra High Frequency Transistor Arrays
Jan 24, 2019
logo
Samtec, Inc
NVAM SAMTEC-NVAM Datasheet
579Kb / 2P
EXTREME PERFORMANCE HIGH-DENSITY ARRAYS
Rev. 09MAR22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com