Electronic Components Datasheet Search
  English  ▼

X  

CPC1466 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1466
Description  Broadband ADSL/VDSL DC Termination IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1466 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1466 Datasheet HTML 1Page - IXYS Corporation CPC1466 Datasheet HTML 2Page - IXYS Corporation CPC1466 Datasheet HTML 3Page - IXYS Corporation CPC1466 Datasheet HTML 4Page - IXYS Corporation CPC1466 Datasheet HTML 5Page - IXYS Corporation CPC1466 Datasheet HTML 6Page - IXYS Corporation CPC1466 Datasheet HTML 7Page - IXYS Corporation CPC1466 Datasheet HTML 8Page - IXYS Corporation CPC1466 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1466-R03
www.ixysic.com
1
CPC1466
Broadband ADSL/VDSL
DC Termination IC
Features
• Meets wetting (sealing) current requirements per
ITU G.992.3 Annex 14.1 Region A
• Integrated bridge rectifier for polarity correction
• Uses inexpensive optocoupler for DC sealing current
monitoring
• Electronic inductor, breakover, and latch circuits
• Current limiting and excess power protection circuits
• ADSL/VDSL compatible with low-pass filter network
• MLT and SARTS compatible
• Compatible with portable test sets
• Small SOIC or DFN Package
• DFN package 60 percent smaller than SOIC
• Flammability rating UL 94 V-0
Applications
• ADSL/VDSL broadband modems
• Router and bridge customer premises equipment
• Leased line equipment
• Mechanized Loop Test (MLT) networks
• Switched Access Remote Test System (SARTS)
networks
Figure 1. CPC1466 Block Diagram
Description
The CPC1466 is a DC Termination IC for broadband
ADSL/VDSL applications. The high-voltage,
monolithic device provides a termination for DC
wetting (sealing) current in customer premises
equipment (CPE) to eliminate phone line corrosion on
DSL twisted-pair copper lines without telephone voice
services (i.e. only broadband services).
Internally, a bridge rectifier provides a
polarity-insensitive DC termination for DSL loop
sealing current. The IC includes an electronic inductor,
break-over and latch circuits, current limit and excess
power protection. A sealing current detect output
provides the means to monitor the loop for the
presence of sealing current.
The CPC1466 is manufactured in IXYS Integrated
Circuits’ high voltage BCDMOS process that is used
extensively in telephony applications worldwide.
Ordering Information
PR+
NC
NC
TIP
RING
NC
NC
PR-
TC
NC
NC
RS
PD
NC
NC
COM
Current Limit
and Excess
Power Protection
Electronic
Inductor,
Breakover,
Latch, and
Opto Driver
Bridge
Rectifier
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Part Number Description
CPC1466D
DC Termination IC, 16-pin SOIC in tubes,
47/tube
CPC1466DTR
DC Termination IC, 16-pin SOIC tape and reel,
1000/reel
CPC1466M
DC Termination IC, 16-pin DFN in tubes,
52/tube
CPC1466MTR
DC Termination IC, 16-pin DFN tape and reel,
1000/reel


Similar Part No. - CPC1466

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1466 CLARE-CPC1466 Datasheet
314Kb / 15P
Broadband ADSL/VDSL DC Termination IC
CPC1466D CLARE-CPC1466D Datasheet
314Kb / 15P
Broadband ADSL/VDSL DC Termination IC
CPC1466DTR CLARE-CPC1466DTR Datasheet
314Kb / 15P
Broadband ADSL/VDSL DC Termination IC
CPC1466M CLARE-CPC1466M Datasheet
314Kb / 15P
Broadband ADSL/VDSL DC Termination IC
CPC1466MTR CLARE-CPC1466MTR Datasheet
314Kb / 15P
Broadband ADSL/VDSL DC Termination IC
More results

Similar Description - CPC1466

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0506-CMC11 XFMRS-XF0506-CMC11 Datasheet
41Kb / 1P
COMMON MODE CHOKE FOR ADSL AND VDSL
logo
Clare, Inc.
CPC1465 CLARE-CPC1465 Datasheet
481Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1466 CLARE-CPC1466 Datasheet
314Kb / 15P
Broadband ADSL/VDSL DC Termination IC
logo
Bothhand USA, LP.
BCM-4003 BOTHHAND-BCM-4003 Datasheet
139Kb / 1P
COMMON MODE CHOKE FOR ADSL AND VDSL
logo
XFMRS Inc.
XF0506-CMC11 XFMRS-XF0506-CMC11_10 Datasheet
106Kb / 1P
COMMON MODE CHOKE FOR ADSL AND VDSL
XF0406-CMC10 XFMRS-XF0406-CMC10 Datasheet
39Kb / 1P
COMMON MODE CHOKE FOR ADSL AND VDSL
XF1406-TH XFMRS-XF1406-TH Datasheet
58Kb / 1P
COMMON MODE CHOKE FOR ADSL AND VDSL
logo
Pulse A Technitrol Comp...
B4003NLT PULSE-B4003NLT Datasheet
690Kb / 2P
Common Mode Chokes For ADSL and VDSL
B912 PULSE-B912 Datasheet
690Kb / 2P
Common Mode Chokes For ADSL and VDSL
logo
IXYS Corporation
CPC1465 IXYS-CPC1465 Datasheet
289Kb / 15P
SHDSL/ISDN DC Termination IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com