Electronic Components Datasheet Search
  English  ▼

X  

CPC1466 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC1466
Description  Broadband ADSL/VDSL DC Termination IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1466 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC1466 Datasheet HTML 2Page - IXYS Corporation CPC1466 Datasheet HTML 3Page - IXYS Corporation CPC1466 Datasheet HTML 4Page - IXYS Corporation CPC1466 Datasheet HTML 5Page - IXYS Corporation CPC1466 Datasheet HTML 6Page - IXYS Corporation CPC1466 Datasheet HTML 7Page - IXYS Corporation CPC1466 Datasheet HTML 8Page - IXYS Corporation CPC1466 Datasheet HTML 9Page - IXYS Corporation CPC1466 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1466
6
www.ixysic.com
R03
Figure 4. Test Circuit for ac Impedance and Linearity
68 F
μ
1k
Ω
DUT
V
APP
ac generator
I
SL
1 - 20 mA
dc current source
V
mt
V
sig
Z
mt
1000
V
mt
V
sig
----------------------------
=
Linearity
20
V
mt
V
sig2ndHarmonic
----------------------------------------
log
20
1000
67.5
------------
log
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com