Electronic Components Datasheet Search
  English  ▼

X  

CPC1466D Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1466D
Description  Broadband ADSL/VDSL DC Termination IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1466D Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1466D Datasheet HTML 1Page - IXYS Corporation CPC1466D Datasheet HTML 2Page - IXYS Corporation CPC1466D Datasheet HTML 3Page - IXYS Corporation CPC1466D Datasheet HTML 4Page - IXYS Corporation CPC1466D Datasheet HTML 5Page - IXYS Corporation CPC1466D Datasheet HTML 6Page - IXYS Corporation CPC1466D Datasheet HTML 7Page - IXYS Corporation CPC1466D Datasheet HTML 8Page - IXYS Corporation CPC1466D Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
R03
www.ixysic.com
3
CPC1466
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Electrical absolute maximum ratings are at 25
C.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
PR+
NC
NC
TIP
RING
NC
NC
PR-
TC
NC
NC
RS
PD
NC
NC
COM
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin
Name
Description
1
PR+
Protection resistor positive side
2
NC
No connection
3
TIP
Tip Lead
4
NC
No connection
5
NC
No connection
6
RING
Ring lead
7
NC
No connection
8
PR-
Protection resistor negative side
9
COM
Common
10
NC
No connection
11
PD
Photo-diode (LED input current)
12
NC
No connection
13
RS
Current limiting resistor
14
NC
No connection
15
NC
No connection
16
TC
Timing capacitor
Parameter
Minimum Maximum
Unit
Maximum Voltage
(T to R, R to T)*
-
300
V
Power dissipation
-
1
W
Operating temperature
-40
+85
°C
Operating relative humidity
5
95
%
Storage temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com