Electronic Components Datasheet Search
  English  ▼

X  

CPC1466D Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1466D
Description  Broadband ADSL/VDSL DC Termination IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1466D Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1466D Datasheet HTML 1Page - IXYS Corporation CPC1466D Datasheet HTML 2Page - IXYS Corporation CPC1466D Datasheet HTML 3Page - IXYS Corporation CPC1466D Datasheet HTML 4Page - IXYS Corporation CPC1466D Datasheet HTML 5Page - IXYS Corporation CPC1466D Datasheet HTML 6Page - IXYS Corporation CPC1466D Datasheet HTML 7Page - IXYS Corporation CPC1466D Datasheet HTML 8Page - IXYS Corporation CPC1466D Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1466
4
www.ixysic.com
R03
1.4 Electrical Characteristics
Unless otherwise specified, minimum and maximum values are guaranteed by production testing requirements.
Typical values are characteristic of the device and are the result of engineering evaluations. In addition, typical values
are provided for informational purposes only and are not part of the testing requirements.
All electrical specifications are provided for TA=25C
1.4.1 DC Characteristics, Normal Operation
For operational templates: (see Figure 2 on page 5) and (see Figure 3 on page 5).
1.4.2 AC Characteristics, Normal Operation
For test conditions: (see Figure 4 on page 6).
1.4.3 Transition Characteristics, Normal Operation
For activation/deactivation test conditions: (see Figure 5 on page 7).
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Activate/Non-activate Voltage
Off State
VAN
30.0
35.0
39.0
V
Breakover current
-
IBO
-0.5
1
mA
DC Voltage drop
Active State, 1 mA
 I
SL  20 mA
VON
-12.5
15
V
DC leakage current
VOFF = 20 V
ILKG
-1.5
5
A
Hold/Release current
Active State
IH/R
0.1
0.5
1.0
mA
Minimum on current
VON < 54 V
IMIN1
20
38
-
mA
54 V
 V
ON  100 V for 2 seconds,
source resistance 200
 to 4 k
IMIN2
9.0
45
-
mA
VON > 100 V
IMIN3
00.1
-
mA
Maximum on current
VON  70 V
IMAX1
-38.4
70
mA
VON > 70 V
IMAX2
--
mA
Photodiode drive current
Active State
IPD
0.2
0.3
10
mA
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
AC impedance
200 Hz to 50 kHz
ZMT
10
38
-
k
Linearity distortion
f
= 200 Hz to 40 kHz, I
SL = 1 mA to
20 mA, VAPP  12 VPP
D40
70
-
dB
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Activate time
(see Figure 6 on page 7)
t1
3.0
13
50
ms
Deactivate time
(see Figure 7 on page 7)
t2
3.0
-
100
ms
V
ON
1k
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com