Electronic Components Datasheet Search
  English  ▼

X  

MP6537GV Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6537GV
Description  100V, Three-Phase, BLDC Motor Pre-Driver with PWM & Enable Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6537GV Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6537GV Datasheet HTML 1Page - Monolithic Power Systems MP6537GV Datasheet HTML 2Page - Monolithic Power Systems MP6537GV Datasheet HTML 3Page - Monolithic Power Systems MP6537GV Datasheet HTML 4Page - Monolithic Power Systems MP6537GV Datasheet HTML 5Page - Monolithic Power Systems MP6537GV Datasheet HTML 6Page - Monolithic Power Systems MP6537GV Datasheet HTML 7Page - Monolithic Power Systems MP6537GV Datasheet HTML 8Page - Monolithic Power Systems MP6537GV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP6537 – 100V, THREE-PHASE, BLDC MOTOR PRE-DRIVER WITH PWM & ENABLE INPUTS
MP6537 Rev. 1.01
www.MonolithicPower.com
5
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 48V, unless otherwise noted.
Quiescent Current vs. Temperature
VIN UVLO Falling Threshold vs.
Temperature
VREG Falling Threshold vs.
Temperature
VBST UVLO Threshold vs.
Temperature
OCREF Threshold vs. Temperature
OCREF = 2.4V
OCP CSO Rising Threshold vs.
Temperature
0.6
0.62
0.64
0.66
0.68
0.7
0.72
0.74
0.76
0.78
0.8
-50
-20
10
40
70
100
130
TEMPERATURE (°C )
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
-50
-20
10
40
70
100
130
TEMPERATURE(°C )
6.7
6.72
6.74
6.76
6.78
6.8
6.82
6.84
6.86
6.88
6.9
-50
-20
10
40
70
100
130
TEMPERATURE(°C )
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
-50
-20
10
40
70
100
130
TEMPERATURE(°C )
2.39
2.395
2.4
2.405
2.41
2.415
2.42
2.425
2.43
-50
-20
10
40
70
100
130
TEMPERATURE(°C )
3.45
3.46
3.47
3.48
3.49
3.5
3.51
3.52
-50
-20
10
40
70
100
130
TEMPERATURE°C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com