Electronic Components Datasheet Search
  English  ▼

X  

MP6537GV Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6537GV
Description  100V, Three-Phase, BLDC Motor Pre-Driver with PWM & Enable Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6537GV Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6537GV Datasheet HTML 1Page - Monolithic Power Systems MP6537GV Datasheet HTML 2Page - Monolithic Power Systems MP6537GV Datasheet HTML 3Page - Monolithic Power Systems MP6537GV Datasheet HTML 4Page - Monolithic Power Systems MP6537GV Datasheet HTML 5Page - Monolithic Power Systems MP6537GV Datasheet HTML 6Page - Monolithic Power Systems MP6537GV Datasheet HTML 7Page - Monolithic Power Systems MP6537GV Datasheet HTML 8Page - Monolithic Power Systems MP6537GV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP6537
100V, Three-Phase, BLDC Motor
Pre-Driver with PWM & Enable Inputs
MP6537 Rev. 1.01
www.MonolithicPower.com
1
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP6537 is a gate driver IC designed for
three-phase,
brushless
DC
motor
driver
applications. The MP6537 is capable of driving
three half-bridges consisting of six N-channel
power MOSFETs up to 100V.
The MP6537 uses a bootstrap capacitor to
generate a supply voltage for the high-side
MOSFET driver. An internal charge pump
maintains the high-side gate driver if the output
is held high for an extended period of time.
Full protection features include programmable
over-current protection (OCP), adjustable dead-
time control, under-voltage lockout (UVLO), and
thermal shutdown.
The
MP6537
is
available
in
a
QFN-28
(4mmx5mm) package with an exposed thermal
pad.
FEATURES
 Supports 100V Operation
 120V V
BST Maximum Voltage
 Internal LDO Supports External NPN for
High-Current Drive Requirements
 Integrated Current-Sense Amplifier
 Low-Power Sleep Mode for Battery-
powered Applications
 Programmable Over-Current Protection
(OCP) of External MOSFETs
 Adjustable Dead-Time Control to Prevent
Shoot-Through
 Thermal Shutdown and Under-Voltage
Lockout (UVLO) Protection
 Fault Indication Output
 Available in a Thermally Enhanced Surface-
Mounted QFN-28 (4mmx5mm) Package
APPLICATIONS
 Three-Phase Brushless DC Motors and
Permanent Magnet Synchronous Motors
 Power Drills
 E-Bikes
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
LSS
PWMA
PWMB
PWMC
OCREF
nFAULT
DT
VIN
MP6537
Exposed GND
PAD
ENA
ENB
ENC
GLA
GHA
SHA
Phase A
(repeat for B and C)
To Phase B
To Phase C
CSO
GND
BSTA
VREG
nSLEEP
VIN
LDO


Similar Part No. - MP6537GV

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6530 MPS-MP6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6530 MPS-MP6530 Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF MPS-MP6530GF Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF-P MPS-MP6530GF-P Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF-Z MPS-MP6530GF-Z Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
More results

Similar Description - MP6537GV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
THREE PHASE PWM MOTOR DRIVER
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
THREE PHASE PWM MOTOR DRIVER
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
Three Phase PWM Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
logo
Monolithic Power System...
MP6538 MPS-MP6538 Datasheet
747Kb / 14P
100V, Three-Phase, BLDC Motor Pre-Driver with Hall Signal Interface
MP6539 MPS-MP6539 Datasheet
716Kb / 15P
100V, Three-Phase, BLDC Motor Pre-Driver with HS & LS Inputs
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com