Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9914 Datasheet HTML 2Page - Analog Devices AD9914 Datasheet HTML 3Page - Analog Devices AD9914 Datasheet HTML 4Page - Analog Devices AD9914 Datasheet HTML 5Page - Analog Devices AD9914 Datasheet HTML 6Page - Analog Devices AD9914 Datasheet HTML 7Page - Analog Devices AD9914 Datasheet HTML 8Page - Analog Devices AD9914 Datasheet HTML 9Page - Analog Devices AD9914 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AD9914
Data Sheet
Rev. F | Page 6 of 45
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL TIMING SPECIFICATIONS
Time Required to Enter Power-Down
45
ns
Power-down mode loses DAC/PLL calibration
settings
Time Required to Leave Power-Down
250
ns
Must recalibrate DAC/PLL
Minimum Master Reset time
24
SYSCLK cycles
Maximum DAC Calibration Time (tCAL)
135
µs
See the DAC Calibration Output section for
formula
Maximum PLL Calibration Time (tREF_CLK)
16
ms
PFD rate = 25 MHz
8
ms
PFD rate = 50 MHz
Maximum Profile Toggle Rate
2
SYNC_CLK
period
PARALLEL PORT TIMING
Write Timing
Address Setup Time to WR Active
1
ns
Address Hold Time to WR Inactive
0
ns
Data Setup Time to WR Inactive
3.8
ns
Data Hold Time to WR Inactive
0
ns
WR Minimum Low Time
2.1
ns
WR Minimum High Time
3.8
ns
Minimum WR Time
10.5
ns
Read Timing
Address to Data Valid
92
ns
Address Hold to RD Inactive
0
ns
RD Active to Data Valid
69
ns
RD Inactive to Data Tristate
50
ns
RD Minimum Low Time
69
ns
RD Minimum High Time
50
ns
SERIAL PORT TIMING
SCLK Clock Rate (1/tCLK )
80
MHz
SCLK duty cycle = 50%
SCLK Pulse Width High, tHIGH
1.5
ns
SCLK Pulse Width Low, tLOW
5.1
ns
SDIO to SCLK Setup Time, tDS
4.9
ns
SDIO to SCLK Hold Time, tDH
0
ns
SCLK Falling Edge to Valid Data on
SDIO/SDO, tDV
78
ns
CS to SCLK Setup Time, tS
4
ns
CS to SCLK Hold Time, tH
0
ns
CS Minimum Pulse Width High, tPWH
4
ns
DATA PORT TIMING
D[31:0] Setup Time to SYNC_CLK
2
ns
D[31:0] Hold Time to SYNC_CLK
0
ns
F[3:0] Setup Time to SYNC_CLK
2
ns
F[3:0] Hold Time to SYNC_CLK
0
ns
IO_UPDATE Pin Setup Time to
SYNC_CLK
2
ns
IO_UPDATE Pin Hold Time to
SYNC_CLK
0
ns
Profile Pin Setup Time to SYNC_CLK
2
ns
Profile Pin Hold Time to SYNC_CLK
0
ns
DR_CTL/DR_HOLD Setup Time to
SYNC_CLK
2
ns
DR_CTL/DR_HOLD Hold Time to
SYNC_CLK
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com