Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 3 Page - Analog Devices

  AD9914 Datasheet HTML 1Page - Analog Devices AD9914 Datasheet HTML 2Page - Analog Devices AD9914 Datasheet HTML 3Page - Analog Devices AD9914 Datasheet HTML 4Page - Analog Devices AD9914 Datasheet HTML 5Page - Analog Devices AD9914 Datasheet HTML 6Page - Analog Devices AD9914 Datasheet HTML 7Page - Analog Devices AD9914 Datasheet HTML 8Page - Analog Devices AD9914 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Data Sheet
AD9914
Rev. F | Page 3 of 45
GENERAL DESCRIPTION
The AD9914 is a direct digital synthesizer (DDS) featuring a
12-bit DAC. The AD9914 uses advanced DDS technology, coupled
with an internal high speed, high performance DAC to form a
digitally programmable, complete high frequency synthesizer
capable of generating a frequency-agile analog output sinusoidal
waveform at up to 1.4 GHz. The AD9914 enables fast frequency
hopping and fine tuning resolution (64-bit capable using
programmable modulus mode). The AD9914 also offers fast
phase and amplitude hopping capability. The frequency tuning
and control words are loaded into the AD9914 via a serial or
parallel input/output port. The AD9914 also supports a user
defined linear sweep mode of operation for generating linear
swept waveforms of frequency, phase, or amplitude. A high
speed, 32-bit parallel data input port is included, enabling high
data rates for polar modulation schemes and fast reprogramming
of the phase, frequency, and amplitude tuning words.
The AD9914 is specified to operate over the extended industrial
temperature range (see the Absolute Maximum Ratings section).
32
F0 TO F3
D0 TO D31
PS[2:0]
I/O_UPDATE
POWER-
DOWN
CONTROL
DAC_RSET
AOUT
AOUT
OSK
DROVER
DRCTL
DRHOLD
SYNC_CLK
A
CLOCK
AMPLITUDE (A)
FREQUENCY ( )
PHASE ( )
DIGITAL
RAMP
GENERATOR
2
4
MULTICHIP
SYNCHRONIZATION
SYSCLK
PLL
REF_CLK
REF_CLK
AD9914
OUTPUT
SHIFT
KEYING
DATA
ROUTE
AND
PARTITION
CONTROL
3
INTERNAL CLOCK TIMING
AND CONTROL
Acos ( t + )
Asin ( t + )
DAC
12-BIT
DDS
INTERNAL
PROGRAMMING
REGISTERS
Figure 2. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com