Electronic Components Datasheet Search
  English  ▼

X  

OP124 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP124
Description  Hermetic Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP124 Datasheet(HTML) 1 Page - TT Electronics.

  OP124 Datasheet HTML 1Page - TT Electronics. OP124 Datasheet HTML 2Page - TT Electronics. OP124 Datasheet HTML 3Page - TT Electronics. OP124 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hermetic Infrared Emitting
Diode
OP123, OP124, OP223, OP224
© TT electronics plc
Issue B
07/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each OP123 and OP124 device is a 935 nanometer (nm) high intensity gallium arsenide infrared emi ng diode (GaAs),
mounted in a miniature herme cally sealed “pill” package with an enhanced temperature range and a high power output.
These devices are designed for direct moun ng to PCBoards.
Each OP223 and OP224 device is an 890 nm gallium aluminum arsenide infrared emi ng diode (GaAIAs), mounted in a
herme cally sealed “pill” package with an enhanced temperature range and a narrow irradiance pa ern that provides high
on-axis intensity for excellent coupling efficiency. These devices offer significantly higher power output than GaAs at
equivalent drive currents and have a wavelength that is matched to silicon’s peak response. Their small package size
permits high device density moun ng.
All these LEDs are mechanically and spectrally matched to the OP300 series, OP600 series and OP640 series devices.
Please refer to Applica on Bulle ns 208 and 210 for addi onal design informa on and reliability (degrada on) data, and to
Applica on Bulle n 202 for pill-type soldering to PCBoard.
Applications:
• Non-contact reflective object sensor
• Assembly line automation
• Machine automation
• Machine safety
• End of travel sensor
• Door sensor
Features:
•
Hermetically sealed package
•
Mechanically and spectrally matched to other OPTEK devices
•
Designed for direct mount to PCBoard
Ordering Informa on
Part
Number
LED Peak
Wavelength
Total Beam
Angle
OP123
935 mm
24°
OP124
OP223
890 mm
OP224
1
2
Pin #
LED
1
Anode
2
Cathode
Sensor
Collector
Emitter
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
RoHS


Similar Part No. - OP124

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP124 OPTEK-OP124 Datasheet
255Kb / 2P
GAAS HERMETIC INFRARED EMITTING DIODES
OP124 OPTEK-OP124 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
OP124 OPTEK-OP124 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
More results

Similar Description - OP124

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
Hermetic Infrared Emitting Diode
OP230WPS TTELEC-OP230WPS Datasheet
304Kb / 3P
Point Source Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com