Electronic Components Datasheet Search
  English  ▼

X  

OP124 Datasheet(PDF) 2 Page - TT Electronics.

Part # OP124
Description  Hermetic Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP124 Datasheet(HTML) 2 Page - TT Electronics.

  OP124 Datasheet HTML 1Page - TT Electronics. OP124 Datasheet HTML 2Page - TT Electronics. OP124 Datasheet HTML 3Page - TT Electronics. OP124 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Hermetic Infrared Emitting
Diode
OP123, OP124, OP223, OP224
Issue B
07/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-65o C to +150o C
Operating Temperature Range
-65o C to +125o C
Reverse Voltage
2.0 V
Continuous Forward Current
100 mA
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(1)(2)
Power Dissipation
150 mW(3)
Peak Forward Current (2μs pulse with 0.1% duty cycle)
1.0 A
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
EE (APT)(3)
Apertured Radiant Incidence
OP123
OP124
OP223
OP224
0.40
1.00
1.00
3.50
-
-
-
-
-
-
-
-
mW/cm2 IF = 50 mA(4)
VF
Forward Voltage
OP123
OP124
-
-
-
-
1.50
1.80
V
IF = 50 mA
IR
Reverse Current
-
-
100
μA
VR= 2.0 V
λ
P
Wavelength at Peak Emission
OP123, OP124
OP223, OP224
-
-
935
890
-
-
nm
IF = 50 mA
IF = 10 mA
B
Spectral Bandwidth between Half Power Points
OP123, OP124
OP223, OP224
-
-
50
80
-
-
nm
IF = 50 mA
IF = 10 mA
ΔλP /ΔT
Spectral Shift with Temperature
OP123, OP124
OP223, OP224
-
-
+0.30
+0.18
-
-
nm/°C
IF = Constant
θ
HP
Emission Angle at Half Power Points
-
24
-
Degree
IF = 50 mA
tr
Output Rise Time
OP123, OP124
OP223, OP224
-
-
1000
500
-
-
ns
IF(PK)=100 mA, PW=10 μs, and
D.C.=10.0%
tf
Output Fall Time
OP123,
OP124
OP223, OP224
-
-
500
250
-
-
ns
IF(PK)=100 mA, PW=10 μs, and
D.C.=10.0%
Input Diode
Notes:
1.
Refer to Application Bulletin 202 which reviews proper soldering techniques for pill-type devices.
2.
No clean or low solids. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
3.
Derate linearly 1.50 mW/° C above 25° C.
4.
For OP123, OP124, OP223 and OP224, EE(APT) is a measurement using a 0.031” (0.787 mm) diameter apertured sensor placed 0.50” (12.7 mm)
from the measuring surface. EE(APT) is not necessarily uniform within the measured area.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com