Electronic Components Datasheet Search
  English  ▼

X  

TLE6363 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6363
Description  Multifunctional Voltage Regulator and Watchdog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6363 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6363 Datasheet HTML 1Page - Infineon Technologies AG TLE6363 Datasheet HTML 2Page - Infineon Technologies AG TLE6363 Datasheet HTML 3Page - Infineon Technologies AG TLE6363 Datasheet HTML 4Page - Infineon Technologies AG TLE6363 Datasheet HTML 5Page - Infineon Technologies AG TLE6363 Datasheet HTML 6Page - Infineon Technologies AG TLE6363 Datasheet HTML 7Page - Infineon Technologies AG TLE6363 Datasheet HTML 8Page - Infineon Technologies AG TLE6363 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TLE 6363
Data Sheet V 1.1
2
2000-11-8
Furthermore, the build-in features like under- and overvoltage lockout for boost- and
buck-voltage and the overtemperature shutdown feature increase the reliability of the
TLE 6363 G supply system.
Pin Definitions and Functions
Pin No.
SO-14
Symbol Function
1R
Reference Input; an external resistor from this pin to GND
determines the reference current and the oscillator frequency
2RO
Reset Output; open drain output from reset comparator with an
internal pull up resistor
3WDI
Watchdog Input; input for the watchdog control signal from the
controller
4GND
Ground; analog signal ground
5
SEN
System Enable Output; open drain output from Watchdog
fail-circuit with an internal pull up resistor
6BUC
Buck-Converter Compensation Input; output of internal error
amplifier; for loop-compensation connect an external R-C-series
combinationtoGND
7
V
CC
Supply Voltage Output; buck converter output; external blocking
capacitor necessary
8BUO
Buck Converter Output; source of the integrated power-DMOS
9
V
BOOST
Boost Converter Input; input supply voltage of the IC; coming
from the boost converter output voltage; buck converter input
voltage
10
BDS
Buck Driver Supply Input; voltage to drive the buck converter
powerstage
11
OVL
Boost Status Output; open drain output from boost PWM
comparator
12
BOFB
Boost Converter Feedback Input; connect boost voltage divider
to this pin; internal reference is the boost feedback threshold
V
BOFBTH
13
BOGND Boost-Ground; power signal ground; source of boost converter
power-DMOS
14
BOI
Boost Converter Input; drain of the integrated buck converter
power-DMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com