Electronic Components Datasheet Search
  English  ▼

X  

TLE6363 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE6363
Description  Multifunctional Voltage Regulator and Watchdog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6363 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE6363 Datasheet HTML 20Page - Infineon Technologies AG TLE6363 Datasheet HTML 21Page - Infineon Technologies AG TLE6363 Datasheet HTML 22Page - Infineon Technologies AG TLE6363 Datasheet HTML 23Page - Infineon Technologies AG TLE6363 Datasheet HTML 24Page - Infineon Technologies AG TLE6363 Datasheet HTML 25Page - Infineon Technologies AG TLE6363 Datasheet HTML 26Page - Infineon Technologies AG TLE6363 Datasheet HTML 27Page - Infineon Technologies AG TLE6363 Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
TLE 6363
Data Sheet V 1.1
25
2000-11-8
Efficiency Boost vs.
Input Voltage
Oscillator Frequency vs. Resistor
from R to GND
Boost Output Voltage vs.
Load
Boost and Logic Output Voltage vs.
Junction Temperature
AED02943
η
Batt
V
8
70
V
75
80
85
90
%
95
10
12
14
16
RT
CT
HT
IBoost = 60 mA
AED02982
R
5
10
20
50
100
200
500
1000
OSC
f
R
10
20
50 100 200
k 1000
Ω
j
T = 25 ˚C
@
kHz
AED02944
LOAD
I
20
26
mA
27
28
29
30
V
31
40
60
80
100
Boost
V
RT
HT
CT
AED02983
-50
= 50 mA
Boost
V
j
T
Boost
I
-25
0
25 50 75 100
˚C 150
4.950
4.975
5.000
5.025
V
26
27
28
29
30
V
VCC
= 250 mA
ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com