Electronic Components Datasheet Search
  English  ▼

X  

OP302SL Datasheet(PDF) 2 Page - TT Electronics.

Part # OP302SL
Description  NPN Silicon Photodarlington
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP302SL Datasheet(HTML) 2 Page - TT Electronics.

  OP302SL Datasheet HTML 1Page - TT Electronics. OP302SL Datasheet HTML 2Page - TT Electronics. OP302SL Datasheet HTML 3Page - TT Electronics. OP302SL Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
NPN Silicon Photodarlington
OP300SL Series
Issue B
08/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Collector-Emi er Voltage
15.0 V
Emi er-Collector Voltage
5.0 V
Storage Temperature Range
-65° C to +150° C
Opera ng Temperature Range
-65° C to +125° C
Power Dissipa on
50 mW
(3)
Con nuous Collector Current
50 mA
Soldering Temperature (5 seconds with soldering iron)
260° C
(1)(2)
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IC(ON)
(4)
On-State Collector Current
OP300SL
OP301SL
OP302SL
OP303SL
OP304SL
OP305SL
0.8
0.8
1.8
3.6
7.0
14.0
-
-
-
-
-
-
-
2.4
5.4
12.0
21.0
-
mA
VCE = 5.0 V, EE = 1.0 or 0.4 mW/cm
2(5)
ICEO
Collector-Dark Current
-
-
1.0
µA
VCE = 10 V, EE = 0
V(BR)CEO
Collector-Emi er Breakdown Voltage
15.0
-
-
V
IC = 100 μA
V(BR)ECO
Emi er-Collector Breakdown Voltage
5.0
-
-
V
IE = 100 μA
VCE(SAT)
(4)
Collector-Emi er Satura on Voltage
OP300SL, OP301SL
OP302SL through OP305SL
-
-
-
-
1.1
1.1
V
IC = 0.4 mA, EE = 1.0 or 0.4 mW/cm
2(5)
IC = 1.0 mA, EE = 1.0 or 0.4 mW/cm
2(5)
Notes:
(1) Refer to Applica on Bulle ng 202, which discusses proper techniques for soldering pill-type devices to PCBoards.
(2) No clean or low solids. RMA flux is recommended. Dura on can be extended to 10 seconds maximum when flow soldering.
(3) Derate linearly 0.5 mW/° C above 25° C.
(4) Junc on temperature maintained at 25° C.
(5) Light source is an unfiltered tungsten bulb opera ng at CT = 2870° K at EE =1.0 mW/cm
2 or 890nm at E
E =0.4 mW/cm
2 .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com