Electronic Components Datasheet Search
  English  ▼

X  

OP302SL Datasheet(PDF) 3 Page - TT Electronics.

Part # OP302SL
Description  NPN Silicon Photodarlington
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP302SL Datasheet(HTML) 3 Page - TT Electronics.

  OP302SL Datasheet HTML 1Page - TT Electronics. OP302SL Datasheet HTML 2Page - TT Electronics. OP302SL Datasheet HTML 3Page - TT Electronics. OP302SL Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
NPN Silicon Photodarlington
OP300SL Series
Issue B
08/2016
Page 3
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Performance
Collector Current vs Temperature
0.1
1
10
-60
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
TEST CONDITIONS:
λ - 890 nm
VCE = 5 Volts
Pulse Width = 100
μS
Duty Cycle = 0.1%
Measured 25
μS into pulse
Dark Current vs Temperature
0.00
0.01
0.10
1.00
10.00
100.00
1,000.00
0
2040
6080
100
120
Ambient Temperature (°C)
TEST CONDITIONS:
VCE = 10 Volts
EE = 0
Coupling Characteristics of OP123 & OP300SL
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.2
0.4
0.6
0.8
1.0
Diatance (inches)
TEST CONDITIONS:
VCE = 5 Volts
TA = 25 °C
Typical Spectral-Response
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
600
700
800
900
1000
1100
Wavelength - nm
850 nm
890 nm
935 nm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com