Electronic Components Datasheet Search
  English  ▼

X  

OP520 Datasheet(PDF) 2 Page - TT Electronics.

Part # OP520
Description  SMD Silicon Phototransistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP520 Datasheet(HTML) 2 Page - TT Electronics.

  OP520 Datasheet HTML 1Page - TT Electronics. OP520 Datasheet HTML 2Page - TT Electronics. OP520 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue 1.3
05/10
Page 2 of 3
SMD Silicon Phototransistor
OP520, OP521
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
SMD Silicon Phototransistor
OP520, OP521
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-40° C to +85° C
Operating Temperature Range
-25° C to +85° C
Lead Soldering Temperature
260° C(1)
Collector-Emitter Voltage
30 V
Collector Current
20 mA
Power Dissipation
75 mW(2)
Emitter-Collector Voltage
5 V
Notes:
1.
Solder time less than 5 seconds at temperature extreme.
2.
De-rate linearly at 2.17 mW/° C above 25° C.
3.
Light source is an unfiltered GaAs LED with a peak emission wavelength of 935nm and a radiometric intensity level which varies less than
10% over the entire lens surface of the phototransistor being tested.
4.
To Calculate typical collector dark current in µA, use the formula ICEO = 10
(0.04Ta-3.4) where Ta is the ambient temperature in ° C.
Relative On-State Collector
Current vs. Irradiance
0
1.0
2.0
3.0
4.0
Ee—Irradiance (mW/cm2)
80%
100%
120%
140%
160%
Relative On-State Collector Current
vs. Temperature
-25
0
25
50
75
100
Temperature—(°C)
-40°C
80°C
Electrical Characteristics (T
A = 25°C unless otherwise noted)
SYMBOL
PARAMETER
TYP
MAX
UNITS
CONDITIONS
IC(ON)
On-State Collector Current
mA
VCE = 5.0V, Ee = 5.0mW/cm
2 (3)
VCE(SAT)
Collector-Emitter Saturation Voltage
0.4
V
IC = 100µA, Ee = 5.0mW/cm
2 (3)
ICEO
Collector-Emitter Dark Current
100
nA
VCE = 5.0V, Ee = 0
(4)
V(BR)CEO
Collector-Emitter Breakdown Voltage
V
IC = 100µA, Ee = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
V
IE = 100µA, Ee = 0
MIN
0.25
30
5
tr, tf
Rise and Fall Times
15
µs
IC = 1mA, RL = 1KΩ
60%
40%
5.0
6.0
7.0
90%
100%
110%
120%
130%
80%
70%
140%
8.0
20%
Normalized at Ee = 5mW/cm2
Conditions: VCE = 5V,
λ = 935nm, TA = 25 °C
Normalized at TA = 25°C .
Conditions: VCE = 5V,
λ = 935nm, TA = 25 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com