Electronic Components Datasheet Search
  English  ▼

X  

OP520 Datasheet(PDF) 3 Page - TT Electronics.

Part # OP520
Description  SMD Silicon Phototransistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP520 Datasheet(HTML) 3 Page - TT Electronics.

  OP520 Datasheet HTML 1Page - TT Electronics. OP520 Datasheet HTML 2Page - TT Electronics. OP520 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue 1.3
05/10
Page 3 of 3
SMD Silicon Phototransistor
OP520, OP521
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
900
1100
1000
0%
20%
40%
60%
80%
100%
Wavelength (nm)
Relative Response vs. Wavelength
800
700
600
500
400
OP520
OP521
SMD Silicon Phototransistor
OP520, OP521
Collector-Emitter Dark Current
vs. Temperature
-25
0
25
Temperature—(°C)
10
1000
Relative On-State Collector Current
vs. Collector-Emitter Voltage
0
0.1
0.2
0.3
0.4
0.5
Collector-Emitter Voltage (V)
1
50
75
0.40
0.60
0.80
1.00
1.20
0.20
1.40
100
0
6 mW/cm2
5 mW/cm2
4 mW/cm2
3 mW/cm2
2 mW/cm2
1 mW/cm2
30
60
0%
20%
40%
60%
80%
100%
Angular Position (Degrees)
Relative Response vs.
Angular Position
0
-30
-60
-90
90
100
Conditions: Ee = 0 mW/cm2
VCE = 10V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com