Electronic Components Datasheet Search
  English  ▼

X  

TLV3501AIDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3501AIDBVT
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3501AIDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV3501AIDBVT Datasheet HTML 1Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 2Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 3Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 4Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 5Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 6Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 7Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 8Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C and VS = +2.7V to +5.5V, unless otherwise noted.
TLV3501, TLV3502
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage(1)
VOS
VCM = 0V, IO = 0mA
±1
±6.5
mV
vs Temperature
dVOS/dT
TA = −40°C to +125°C
±5
µV/°C
vs Power Supply
PSRR
VS = 2.7V to 5.5V
100
400
µV/V
Input Hysteresis
6
mV
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = VCC/2
±2
±10
pA
Input Offset Current(2)
IOS
VCM = VCC/2
±2
±10
pA
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V−) − 0.2V
(V+) + 0.2V
V
Common-Mode Rejection
CMRR
VCM = −0.2V to (V+) + 0.2V
57
70
dB
VCM = −0.2V to (V+) + 0.2V
55
dB
INPUT IMPEDANCE
Common-Mode
1013
 2
Ω  pF
Differential
1013
 4
Ω  pF
SWITCHING CHARACTERISTICS
Propagation Delay Time(3)
T(pd)
∆VIN = 100mV, Overdrive = 20mV
4.5
6.4
ns
∆VIN = 100mV, Overdrive = 20mV
7
ns
∆VIN = 100mV, Overdrive = 5mV
7.5
10
ns
∆VIN = 100mV, Overdrive = 5mV
12
ns
Propagation Delay Skew(4)
∆t(SKEW)
∆VIN = 100mV, Overdrive = 20mV
0.5
ns
Maximum Toggle Frequency
fMAX
Overdrive = 50mV, VS = 5V
80
MHz
Rise Time(5)
tR
1.5
ns
Fall Time(5)
tF
1.5
ns
OUTPUT
Voltage Output from Rail
VOH,VOL
IOUT = ±1mA
30
50
mV
SHUTDOWN
tOFF
30
ns
tON
100
ns
VL (comparator is enabled)(6)
(V+) − 1.7V
V
VH (comparator is disabled)(6)
(V+) − 0.9V
V
Input Bias Current of Shutdown Pin
2
pA
IQSD (quiescent current in shutdown)
2
µA
POWER SUPPLY
Specified Voltage
VS
+2.7
+5.5
V
Operating Voltage Range
2.2 to 5.5
V
Quiescent Current
IQ
VS = 5V, VO = High
3.2
5
mA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−40
+125
°C
Storage Range
−65
+150
°C
Thermal Resistance
qJA
SOT23-5
200
°C/W
SOT23-8
200
°C/W
SO-8
150
°C/W
(1) VOS is defined as the average of the positive and the negative switching thresholds.
(2) The difference between IB+ and IB−.
(3) Propagation delay cannot be accurately measured with low overdrive on automatic test equipment. This parameter is ensured by
characterization and testing at 100mV overdrive.
(4) The difference between the propagation delay going high and the propagation delay going low.
(5) Measured between 10% of VS and 90% of VS.
(6) When the shutdown pin is within 0.9V of the most positive supply, the part is disabled. When it is more than 1.7V below the most positive supply,
the part is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com