Electronic Components Datasheet Search
  English  ▼

X  

TLV3501AIDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3501AIDBVT
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3501AIDBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV3501AIDBVT Datasheet HTML 1Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 2Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 3Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 4Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 5Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 6Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 7Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 8Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, and Input Overdrive = 100mV, unless otherwise noted.
0
5
4
3
2
1
0
−1
OUTPUT RESPONSE FOR VARIOUS
OVERDRIVE VOLTAGES (rising)
−10
40
10
20
30
0
Time (ns)
Input
V
OD = 100mV
V
OD = 50mV
V
OD = 20mV
V
OD =5mV
0
5
4
3
2
1
0
−1
OUTPUT RESPONSE FOR VARIOUS
OVERDRIVE VOLTAGES (falling)
−10
40
10
20
30
0
Time (ns)
Input
V
OD = 100mV
V
OD = 50mV
V
OD =20mV
V
OD =5mV
5.0
4.5
4.0
3.5
3.0
PROPAGATION DELAY vs TEMPERATURE
(V
OD =20mV)
Rise
Fall
Temperature (
_C)
−40
100
125
−25
0
25
50
75
5.0
4.5
4.0
3.5
3.0
PROPAGATION DELAY vs TEMPERATURE
(V
OD =50mV)
Rise
Fall
Temperature (
_C)
−40
100
125
−25
0
25
50
75
9
8
7
6
5
4
3
PROPAGATION DELAY vs CAPACITIVE LOAD
(V
OD = 20mV)
Rise
Fall
Capacitive Load (pF)
0100
20
40
60
80
PROPAGATION DELAY vs CAPACITIVE LOAD
(V
OD = 50mV)
Rise
Fall
9
8
7
6
5
4
3
Capacitive Load (pF)
0100
20
40
60
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com