Electronic Components Datasheet Search
  English  ▼

X  

TSH330I Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH330I
Description  1.1 GHz Low-Noise Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH330I Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH330I Datasheet HTML 6Page - STMicroelectronics TSH330I Datasheet HTML 7Page - STMicroelectronics TSH330I Datasheet HTML 8Page - STMicroelectronics TSH330I Datasheet HTML 9Page - STMicroelectronics TSH330I Datasheet HTML 10Page - STMicroelectronics TSH330I Datasheet HTML 11Page - STMicroelectronics TSH330I Datasheet HTML 12Page - STMicroelectronics TSH330I Datasheet HTML 13Page - STMicroelectronics TSH330I Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TSH330
Evaluation Boards
10/19
3 Evaluation Boards
An evaluation board kit optimized for high-speed operational amplifiers is available (order code:
KITHSEVAL/STDL). The kit includes the following evaluation boards, as well as a CD-ROM containing
datasheets, articles, application notes and a user manual:
SOT23_SINGLE_HF BOARD: Board for the evaluation of a single high-speed op-amp in SOT23-5
package.
SO8_SINGLE_HF: Board for the evaluation of a single high-speed op-amp in SO8 package.
SO8_DUAL_HF: Board for the evaluation of a dual high-speed op-amp in SO8 package.
SO8_S_MULTI: Board for the evaluation of a single high-speed op-amp in SO8 package in inverting
and non-inverting configuration, dual and single supply.
SO14_TRIPLE: Board for the evaluation of a triple high-speed op-amp in SO14 package with video
application considerations.
Board material:
2 layers
FR4 (
εr=4.6)
epoxy 1.6mm
copper thickness: 35µm
Figure 30. Evaluation kit for high-speed op-amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19