| Electronic Components Datasheet Search |
|
TSH330I Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH330I Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() TSH330 Electrical Characteristics 4/19 Iout Isink Short-circuit Output current coming in the op-amp. See fig-17 for more details Output to GND 360 453 mA Tmin. < Tamb < Tmax. 427 Isource Output current coming out from the op- amp. See fig-18 for more details Output to GND -340 -400 Tmin. < Tamb < Tmax. -350 Noise and distortion eN Equivalent Input Noise Voltage see application note on page 13 F = 100kHz 1.3 nV/ √Hz iN Equivalent Input Noise Current (+) see application note on page 13 F = 100kHz 22 pA/ √Hz Equivalent Input Noise Current (-) see application note on page 13 F = 100kHz 16 pA/ √Hz SFDR Spurious Free Dynamic Range The highest harmonic of the output spectrum when injecting a filtered sine wave AV = +2, Vout = 2Vp-p, RL = 100Ω F = 10MHz F = 20MHz F = 100MHz F = 150MHz -78 -73 -48 -37 dBc Table 4. Closed-loop gain and feedback components VCC (V) Gain Rfb (Ω) -3dB Bw (MHz) 0.1dB Bw (MHz) ±2.5 +10 200 280 50 -10 200 270 45 +2 300 1000 160 -2 270 530 180 +1 300 1500 38 -1 260 600 280 Table 3. Electrical characteristics for VCC= ±2.5Volts, Tamb=+25°C (unless otherwise specified) Symbol Parameter Test Condition Min. Typ. Max. Unit |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |