Electronic Components Datasheet Search
  English  ▼

X  

MP6538 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6538
Description  100V, Three-Phase, BLDC Motor Pre-Driver with Hall Signal Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6538 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6538 Datasheet HTML 3Page - Monolithic Power Systems MP6538 Datasheet HTML 4Page - Monolithic Power Systems MP6538 Datasheet HTML 5Page - Monolithic Power Systems MP6538 Datasheet HTML 6Page - Monolithic Power Systems MP6538 Datasheet HTML 7Page - Monolithic Power Systems MP6538 Datasheet HTML 8Page - Monolithic Power Systems MP6538 Datasheet HTML 9Page - Monolithic Power Systems MP6538 Datasheet HTML 10Page - Monolithic Power Systems MP6538 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP6538 – 100V, THREE-PHASE, BLDC MOTOR PRE-DRIVER WITH HALL SIGNAL INTERFACE
MP6538 Rev. 1.01
www.MonolithicPower.com
7
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 48V, OCREF = 0.5V, RDT = 1kΩ, A phase switching, B phase LS on, fPWMA = 30kHz, TA = 25°C,
resistor + inductor load: 5Ω + 1mH/phase with star connection, unless otherwise noted.
Steady State
Duty = 10%
Steady State
Duty = 50%
CH1: SHA
50V/div.
CH2: GHA
50V/div.
CH3: GLA
10V/div.
CH4: IOUTA
200mA/div.
CH1: SHA
50V/div.
CH2: GHA
50V/div.
CH3: GLA
10V/div.
CH4: IOUTA
1A/div.
10µs/div.
10µs/div.
Steady State
Duty = 90%
Power Ramp-Up
Duty = 10%
CH1: SHA
50V/div.
CH2: GHA
50V/div.
CH3: GLA
10V/div.
CH4: IOUTA
2A/div.
CH1: SHA
50V/div.
CH2: GHA
50V/div.
CH3: VIN
20V/div.
CH4: IOUTA
200mA/div.
10µs/div.
400µs/div.
Power Ramp-Up
Duty = 50%
Power Ramp-Up
Duty = 90%
CH1: SHA
50V/div.
CH2: GHA
50V/div.
CH3: VIN
20V/div.
CH4: IOUTA
1A/div.
CH1: SHA
50V/div.
CH2: GHA
50V/div.
CH3: VIN
20V/div.
CH4: IOUTA
2A/div.
400µs/div.
400µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com