Electronic Components Datasheet Search
  English  ▼

X  

MP6538 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6538
Description  100V, Three-Phase, BLDC Motor Pre-Driver with Hall Signal Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6538 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6538 Datasheet HTML 6Page - Monolithic Power Systems MP6538 Datasheet HTML 7Page - Monolithic Power Systems MP6538 Datasheet HTML 8Page - Monolithic Power Systems MP6538 Datasheet HTML 9Page - Monolithic Power Systems MP6538 Datasheet HTML 10Page - Monolithic Power Systems MP6538 Datasheet HTML 11Page - Monolithic Power Systems MP6538 Datasheet HTML 12Page - Monolithic Power Systems MP6538 Datasheet HTML 13Page - Monolithic Power Systems MP6538 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP6538 – 100V, THREE-PHASE, BLDC MOTOR PRE-DRIVER WITH HALL SIGNAL INTERFACE
MP6538 Rev. 1.01
www.MonolithicPower.com
12
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 2: Commutation Table (nBRAKE = 1)
Logic Inputs
Driver Outputs
Motor Terminals
HA
HB
HC
DIR
GLA
GLB
GLC
GHA
GHB
GHC
SHA
SHB
SHC
1
0
1
1
/PWM
0
1
PWM
0
0
H
Z
L
1
0
0
1
0
/PWM
1
0
PWM
0
Z
H
L
1
1
0
1
1
/PWM
0
0
PWM
0
L
H
Z
0
1
0
1
1
0
/PWM
0
0
PWM
L
Z
H
0
1
1
1
0
1
/PWM
0
0
PWM
Z
L
H
0
0
1
1
/PWM
1
0
PWM
0
0
H
L
Z
1
0
1
0
1
0
/PWM
0
0
PWM
L
Z
H
1
0
0
0
0
1
/PWM
0
0
PWM
Z
L
H
1
1
0
0
/PWM
1
0
PWM
0
0
H
L
Z
0
1
0
0
/PWM
0
1
PWM
0
0
H
Z
L
0
1
1
0
0
/PWM
1
0
PWM
0
Z
H
L
0
0
1
0
1
/PWM
0
0
PWM
0
L
H
Z
Over-Current Protection (OCP) / Current
Regulation
The voltage across each LS-FET is monitored
by a comparator in the MP6538 to turn the
device off in the event of an over-current
condition. The over-current shutdown voltage
threshold
level
is
programmable
through
OCREF by applying an external reference
voltage with a DAC or resistor divider. When
VDS of the MOSFET exceeds OCREF, CSO is
pulled
to
~6V
internally.
Whenever
CSO
exceeds 3.5V, an OCP event is detected, and
all output MOSFETs are turned off. nFAULT is
driven active low.
Once the current through the LS-FETs and the
sense resistor stops, the CSO voltage is no
longer driven and starts to fall at a rate
determined by the external capacitor and
resistor. When the voltage falls below 2.9V, the
output MOSFETs are re-enabled, and nFAULT
is inactive.
The resulting off time is set by the value of the
external capacitor and the internal feedback
resistor in parallel with the external resistor (if
used).
The off time generated when CSO reaches
3.5V can be approximated with Equation (1):
tOFF (µs) = 0.2*R(kΩ)*C(nF)
(1)
The off time generated when VDS exceeds
OCREF is longer since CSO is pulled to 6V and
must decay to 2.9V for the outputs to be re-
enabled.
This
off
time
can
be
approximated
with
Equation (2):
tOFF (µs) = 0.6*R(kΩ)*C(nF)
(2)
Where C is the capacitance from CSO to
ground, and R is the total resistance from CSO
to ground, comprised of the internal feedback
resistor (~450k
Ω) in parallel with any external
resistor to ground.
This feature can be used for current regulation
to limit the stall/start-up current of a motor,
either by using an external current sense
resistor or (with lower accuracy) the RDS(ON) of
the LS-FET.
In addition to low-side current monitoring, a
circuit monitors the output and triggers a fault
condition of the output, driving it high, but it will
not rise above ~4.5V. This provides protection
against a short to ground, which would not be
detected by low-side current sensing. If this
occurs, the MP6538 enters a latched fault state
and disables all outputs. The MP6538 remains
latched off until it is reset by nSLEEP or UVLO.
Gate Drive Voltage Regulator
To generate a voltage to drive the external
MOSFET gates, a linear regulator is integrated
into the MP6538.
If current over about 5mA is needed (to drive
the high gate charge MOSFETs at a high
switching
frequency),
an
external
NPN
transistor (and optionally also a resistor) must
be used to remove power dissipation from the
IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com