Electronic Components Datasheet Search
  English  ▼

X  

DNA30E2200PC Datasheet(PDF) 1 Page - IXYS Corporation

Part # DNA30E2200PC
Description  High Voltage Standard Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DNA30E2200PC Datasheet(HTML) 1 Page - IXYS Corporation

  DNA30E2200PC Datasheet HTML 1Page - IXYS Corporation DNA30E2200PC Datasheet HTML 2Page - IXYS Corporation DNA30E2200PC Datasheet HTML 3Page - IXYS Corporation DNA30E2200PC Datasheet HTML 4Page - IXYS Corporation DNA30E2200PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DNA30E2200PC
Single Diode
High Voltage Standard Rectifier
1
3
Part number
DNA30E2200PC
Backside: anode
FAV
F
VV
1.24
RRM
30
2200
=
V=
V
I=
A
Recommended replacement: DNA30E2200PZ
Features / Advantages:
Applications:
Package:
● Planar passivated chips
● Very low leakage current
● Very low forward voltage drop
● Improved thermal behaviour
● Diode for main rectification
● For single and three phase
bridge configurations
TO-263 (D2Pak)
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
IXYS reserves the right to change limits, conditions and dimensions.
20130123d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - DNA30E2200PC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DNA30E2200PA IXYS-DNA30E2200PA Datasheet
132Kb / 5P
Single Diode
DNA30E2200PZ IXYS-DNA30E2200PZ Datasheet
132Kb / 5P
Single Diode
More results

Similar Description - DNA30E2200PC

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA5000 SSDI-SDA5000_1 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
logo
IXYS Corporation
MDD255-20N1 IXYS-MDD255-20N1 Datasheet
326Kb / 6P
High Voltage Standard Rectifier Module
MDA95-22N1B IXYS-MDA95-22N1B Datasheet
418Kb / 6P
High Voltage Standard Rectifier Module
MDD312-22N1 IXYS-MDD312-22N1 Datasheet
296Kb / 6P
High Voltage Standard Rectifier Module
MDNA380P2200KC IXYS-MDNA380P2200KC Datasheet
265Kb / 5P
High Voltage Standard Rectifier Module
DNA30ER2200IY IXYS-DNA30ER2200IY Datasheet
243Kb / 5P
High Voltage Standard Rectifier
DNA120E2200KO IXYS-DNA120E2200KO Datasheet
208Kb / 5P
High Voltage Standard Rectifier
DNA90YA2200NA IXYS-DNA90YA2200NA Datasheet
167Kb / 5P
High Voltage Standard Rectifier
DNA90YC2200NA IXYS-DNA90YC2200NA Datasheet
167Kb / 5P
High Voltage Standard Rectifier
logo
Shenzhen Luguang Electr...
DSI8080D LUGUANG-DSI8080D Datasheet
1Mb / 3P
High Voltage Standard Rectifier
Revision:20170701-P1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com