Electronic Components Datasheet Search
  English  ▼

X  

DNA30E2200PC Datasheet(PDF) 2 Page - IXYS Corporation

Part # DNA30E2200PC
Description  High Voltage Standard Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DNA30E2200PC Datasheet(HTML) 2 Page - IXYS Corporation

  DNA30E2200PC Datasheet HTML 1Page - IXYS Corporation DNA30E2200PC Datasheet HTML 2Page - IXYS Corporation DNA30E2200PC Datasheet HTML 3Page - IXYS Corporation DNA30E2200PC Datasheet HTML 4Page - IXYS Corporation DNA30E2200PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DNA30E2200PC
V
=
V
A²s
A²s
A²s
A²s
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.26
R
0.7 K/W
R
min.
30
VRSM
V
40
T
= 25°C
VJ
T
=
°C
VJ
mA
1.5
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
140
P
tot
210
W
T
= 25°C
C
R
K/W
30
2200
max. non-repetitive reverse blocking voltage
reverse current
forward voltage drop
total power dissipation
Conditions
Unit
1.53
T
= 25°C
VJ
150
V
F0
V
0.83
T
=
°C
VJ
175
rF
13.4
mΩ
V
1.24
T
=
°C
VJ
I =
A
F
V
30
1.63
I =
A
F
60
I =
A
F
60
threshold voltage
slope resistance
for power loss calculation only
µA
150
VRRM
V
2200
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
7
junction capacitance
V =
V;
700
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
150
I²t
T
= 45°C
value for fusing
T
=
°C
150
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
T
=
°C
VJ
175
370
400
495
480
A
A
A
A
315
340
685
665
2200
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Rectifier
2300
0.25
IXYS reserves the right to change limits, conditions and dimensions.
20130123d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com