Electronic Components Datasheet Search
  English  ▼

X  

TS120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # TS120
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

TS120 Datasheet(HTML) 1 Page - IXYS Corporation

  TS120 Datasheet HTML 1Page - IXYS Corporation TS120 Datasheet HTML 2Page - IXYS Corporation TS120 Datasheet HTML 3Page - IXYS Corporation TS120 Datasheet HTML 4Page - IXYS Corporation TS120 Datasheet HTML 5Page - IXYS Corporation TS120 Datasheet HTML 6Page - IXYS Corporation TS120 Datasheet HTML 7Page - IXYS Corporation TS120 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
TS120
Multifunction Telecom Switch
www.ixysic.com
DS-TS120-R12
1
e3
Pb
Applications
Features
Description
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
Parameter
Rating
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
35
Approvals
Ordering Information
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950 Certified Component:
TUV Certificate: B 10 05 49410 006
Part #
Description
TS120
8-Pin DIP (50/Tube)
TS120P
8-Pin Flatpack (50/Tube)
TS120PTR
8-Pin Flatpack (1000/Reel)
TS120S
8-Pin Surface Mount (50/Tube)
TS120STR
8-Pin Surface Mount (1000/Reel)
1
2
3
4
8
7
6
5
+ LED - Relay
– LED - Relay
Collector - Phototransistor
Emitter - Phototransistor
Load - Relay (MOSFET Output)
Load - Relay (MOSFET Output)
LED - Phototransistor –/+
LED - Phototransistor +/–
Switching Characteristics
of Normally Open Devices
The TS120 integrated circuit device combines a 350V
normally open (1-Form-A) relay with a Darlington
transistor optocoupler in a single package. The relay
uses optically coupled MOSFET technology to
provide 3750V
rms of input to output isolation.
Its optically coupled relay outputs, which use the
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED.
The TS120 enables telecom circuit designers to
combine two discrete functions in a single component
that uses less space than traditional discrete
component solutions.
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - TS120

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
Multifunction Telecom Switches
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
Nanopower Voltage Detector with Dual Outputs
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
Battery Management Under-Voltage Load Switch
More results

Similar Description - TS120

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS112 CLARE-TS112 Datasheet
115Kb / 7P
Multifunction Telecom Switch
TS112N CLARE-TS112N Datasheet
405Kb / 7P
Multifunction Telecom Switch
TS117 CLARE-TS117 Datasheet
122Kb / 8P
Multifunction Telecom Switch
TS117L CLARE-TS117L Datasheet
123Kb / 8P
Multifunction Telecom Switch
TS118 CLARE-TS118 Datasheet
120Kb / 8P
Multifunction Telecom Switch
TS190L CLARE-TS190L Datasheet
442Kb / 8P
Multifunction Telecom Switch
XS170 CLARE-XS170 Datasheet
100Kb / 7P
Multifunction Telecom Switch
logo
IXYS Corporation
TS117L IXYS-TS117L Datasheet
141Kb / 8P
Multifunction Telecom Switch
TS122 IXYS-TS122 Datasheet
140Kb / 8P
Multifunction Telecom Switch
logo
Clare, Inc.
TS120L CLARE-TS120L Datasheet
147Kb / 8P
Multifunction Telecom Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com