Electronic Components Datasheet Search
  English  ▼

X  

TS120 Datasheet(PDF) 3 Page - IXYS Corporation

Part # TS120
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

TS120 Datasheet(HTML) 3 Page - IXYS Corporation

  TS120 Datasheet HTML 1Page - IXYS Corporation TS120 Datasheet HTML 2Page - IXYS Corporation TS120 Datasheet HTML 3Page - IXYS Corporation TS120 Datasheet HTML 4Page - IXYS Corporation TS120 Datasheet HTML 5Page - IXYS Corporation TS120 Datasheet HTML 6Page - IXYS Corporation TS120 Datasheet HTML 7Page - IXYS Corporation TS120 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
TS120
www.ixysic.com
3
R12
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mADC)
0.9
2.1
3.3
3.9
0.3
1.5
2.7
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mADC)
0.55
0.35
0.15
0.45
0.65
0.25
0.05
Turn-Off Time (ms)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=120mADC)
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Dropout
(N=50, I
L=120mADC)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=120mADC)
35
30
25
20
15
10
5
0
19.85
22.05
24.25
18.75
20.95
23.15
25.35
On-Resistance ( )
Typical Blocking Voltage Distribution
(N=50)
35
30
25
20
15
10
5
0
377.5
399.5
421.5
443.5
388.5
410.5
432.5
Blocking Voltage (V
P)
Typical LED Forward Voltage Drop
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=30mA
I
F=20mA
I
F=10mA
I
F=5mA
Typical Turn-On Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com