Electronic Components Datasheet Search
  English  ▼

X  

VBO20 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VBO20
Description  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO20 Datasheet(HTML) 1 Page - IXYS Corporation

  VBO20 Datasheet HTML 1Page - IXYS Corporation VBO20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© IXYS All rights reserved
1 - 2
20100706b
VBO 20
IXYS reserves the right to change limits, test conditions and dimensions.
I
dAV
=
31 A
V
RRM = 800-1600 V
Single Phase Rectifier Bridge
Standard and Avalanche Types
Symbol
Conditions
Maximum Ratings
I
dAV ‚
I
dAVM
P
RSM
T
C = 85°C, module
module
T
VJ = TVJM
31
40
3.4
A
A
kW
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
300
315
A
A
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
250
265
A
A
I2t
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
450
420
A2s
A2s
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
312
290
A2s
A2s
T
VJ
T
VJM
T
stg
-40...+150
150
-40...+125
°C
°C
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
I
ISOL < 1 mA
t = 1 s
3000
3600
V~
V~
M
d
Mounting torque (M5)
(10-32 UNF)
1.5-2
13-18
Nm
lb.in.
Weight
Typ.
15
g
V
RSM
V
BRmin
V
RRM
Standard
Avalanche
V
V
V
Types
Types
900
800
VBO 20-08NO2
1300
1230
1200 VBO 20-12NO2 VBO 20-12AO2
1700
1630
1600 VBO 20-16NO2 VBO 20-16AO2
Symbol
Conditions
Characteristic Values
I
R
V
R = VRRM
T
VJ = 25°C
T
VJ = TVJM
0.3
5.0
mA
mA
V
F
I
F = 55 A
T
VJ = 25°C
1.8
V
V
T0
r
t
For power-loss calculations only
0.85
14
V
m
W
R
thJC
R
thJH
per diode; 120° el.
per module
per diode; 120° el.
per module
3.00
0.75
3.40
0.85
K/W
K/W
K/W
K/W
d
S
d
A
a
Creeping distance on surface
Creepage distance in air ƒ
Max. allowable acceleration
13
9.5
50
mm
mm
m/s2
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
­
‚ for resistive load at bridge output
ƒ with isolated fast-on tabs.
+
~
~
-
+
-
~
~
Dimensions in mm (1 mm = 0.0394“)

For Avalanche Types only
Features
• Avalanche rated parts available
• Package with DCB ceramic base plate
• Isolation voltage 3600 V~
• Planar passivated chips
• Low forward voltage drop
• ¼" fast-on terminals
• UL registered E 72873
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with one screw
• Space and weight savings
• Improved temperature & power cycling


Similar Part No. - VBO20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO20-08NO2 IXYS-VBO20-08NO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-12AO2 IXYS-VBO20-12AO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-12NO2 IXYS-VBO20-12NO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-14AO2 IXYS-VBO20-14AO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-14NO2 IXYS-VBO20-14NO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
More results

Similar Description - VBO20

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC800 DIOTEC-KBPC800_17 Datasheet
223Kb / 2P
Single Phase Bridge Rectifier
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com