Electronic Components Datasheet Search
  English  ▼

X  

VBO20 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VBO20
Description  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO20 Datasheet(HTML) 2 Page - IXYS Corporation

  VBO20 Datasheet HTML 1Page - IXYS Corporation VBO20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© IXYS All rights reserved
2 - 2
20100706b
VBO 20
IXYS reserves the right to change limits, test conditions and dimensions.
Fig. 1
Surge overload current per diode
I
FSM: Crest value, t: duration
Fig. 2
I2t versus time (1-10 ms)
per diode
Fig. 3
Max. forward current at case
temperature
Fig. 4
Power dissipation versus direct output current and ambient temperature
Fig. 5
Transient thermal impedance junction to heatsink per diode
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.775
0.0788
2
1.390
0.504
3
1.255
3.701



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com