Electronic Components Datasheet Search
  English  ▼

X  

AD8130 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8130
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8130 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8130 Datasheet HTML 12Page - Analog Devices AD8130 Datasheet HTML 13Page - Analog Devices AD8130 Datasheet HTML 14Page - Analog Devices AD8130 Datasheet HTML 15Page - Analog Devices AD8130 Datasheet HTML 16Page - Analog Devices AD8130 Datasheet HTML 17Page - Analog Devices AD8130 Datasheet HTML 18Page - Analog Devices AD8130 Datasheet HTML 19Page - Analog Devices AD8130 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
REV. 0
AD8129/AD8130
–16–
250mV
5.00ns
VOUT = 1V p-p
VS = 2.5V
TPC 91. AD8129 Transient Response,
VS =
±2.5 V, VOUT = 1 V p-p
100mV
5.00ns
VOUT = 0.4V p-p
VS = 2.5V
VS = 5V
VS = 12V
TPC 94. AD8129 Transient Response
vs. Supply, VOUT = 0.4 V p-p
100mV
5.00ns
VOUT = 0.4V p-p
CL = 10pF
CL = 5pF
CL = 2pF
TPC 97. AD8129 Transient Response
vs. Load Capacitance, VOUT = 0.4 V p-p
250mV
5.00ns
VOUT = 1V p-p
VS = 5V
TPC 92. AD8129 Transient Response,
VS =
±5 V, VOUT = 1 V p-p
250mV
5.00ns
VOUT = 1V p-p
CL = 5pF
VS = 2.5V
VS = 5V
VS = 12V
TPC 95. AD8129 Transient Response
vs. Supply, VOUT = 1 V p-p, CL = 5 pF
500mV
5.00ns
VO = 2V p-p
VO = 1V p-p
VO = 0.5V p-p
TPC 98. AD8129 Transient Response
vs. Output Amplitude,
VOUT = 0.5 V p-p, 1 V p-p, 2 V p-p
250mV
5.00ns
VOUT = 1V p-p
VS = 12V
TPC 93. AD8129 Transient Response,
VS =
±12 V, VOUT = 1 V p-p
500mV
5.00ns
VOUT = 2V p-p
CL = 5pF
VS = 2.5V
VS = 5V
VS = 12V
TPC 96. AD8129 Transient Response
vs. Supply, VOUT = 2 V p-p, CL = 5 pF
1.00V
5.00ns
VO = 4V p-p
VO = 2V p-p
VO = 1V p-p
TPC 99. AD8129 Transient Response
vs. Output Amplitude,
VOUT = 1 V p-p, 2 V p-p, 4 V p-p
AD8129 Transient Response Characteristics
(G = 10, RF = 2 k , RG = 221
, RL = 1 k , CL = 1 pF, VS =
5 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com