Electronic Components Datasheet Search
  English  ▼

X  

AD8130 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8130
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8130 Datasheet(HTML) 3 Page - Analog Devices

  AD8130 Datasheet HTML 1Page - Analog Devices AD8130 Datasheet HTML 2Page - Analog Devices AD8130 Datasheet HTML 3Page - Analog Devices AD8130 Datasheet HTML 4Page - Analog Devices AD8130 Datasheet HTML 5Page - Analog Devices AD8130 Datasheet HTML 6Page - Analog Devices AD8130 Datasheet HTML 7Page - Analog Devices AD8130 Datasheet HTML 8Page - Analog Devices AD8130 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. 0
–3–
AD8129/AD8130
(AD8129 G = 10, AD8130 G = 1, TA = 25 C, VS =
12 V, REF = 0 V,
PD
≥ VIH, RL = 1 k , CL = 2 pF,
unless otherwise noted. TMIN to TMAX = –40 C to +85 C, unless otherwise noted.)
12 V SPECIFICATIONS
Model
AD8129A
AD8130A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VOUT
≤ 0.3 V p-p
175
200
250
290
MHz
VOUT = 2 V p-p
170
195
150
175
MHz
Bandwidth for 0.1 dB Flatness
VOUT
≤ 0.3 V p-p, SOIC/µSOIC
50/70
110
MHz
Slew Rate
VOUT = 2 V p-p, 25% to 75%
935
1070
960
1100
V/
µs
Settling Time
VOUT = 2 V p-p, 0.1%
20
20
ns
Rise and Fall Time
VOUT
≤ 1 V p-p, 10% to 90%
1.7
1.4
ns
Output Overdrive Recovery
40
40
ns
NOISE/DISTORTION
Second Harmonic/Third Harmonic
VOUT = 1 V p-p, 5 MHz
–71/–84
–79/–86
dBc
VOUT = 2 V p-p, 5 MHz
–65/–74
–74/–81
dBc
VOUT = 1 V p-p, 10 MHz
–65/–82
–74/–80
dBc
VOUT = 2 V p-p, 10 MHz
–59/–70
–74/–74
dBc
IMD
VOUT = 2 V p-p, 10 MHz
–67
–70
dBc
Output IP3
VOUT = 2 V p-p, 10 MHz
25
26
dBm
Input Voltage Noise (RTI)
f
≥ 10 kHz
4.6
13
nV/
√Hz
Input Current Noise (+IN, –IN)
f
≥ 100 kHz
1
1
pA/
√Hz
Input Current Noise (REF, FB)
f
≥ 100 kHz
1.4
1.4
pA/
√Hz
Differential Gain Error
AD8130, G = 2, NTSC 200 IRE, RL
≥ 150 Ω
0.3
0.13
%
Differential Phase Error
AD8130, G = 2, NTSC 200 IRE, RL
≥ 150 Ω
0.1
0.2
Degrees
INPUT CHARACTERISTICS
Common-Mode Rejection Ratio
DC to 100 kHz, VCM =
±10 V
92
105
88
105
dB
VCM = 1 V p-p @ 2 MHz
80
80
dB
VCM = 1 V p-p @ 10 MHz
70
70
dB
CMRR with VOUT = 1 V p-p
VCM = 4 V p-p @ 1 kHz, VOUT =
±0.5 V dc
93
80
dB
Common-Mode Voltage Range
V+IN – V–IN = 0 V
± 10.3
± 10.5
V
Differential Operating Range
± 0.5
± 2.5
V
Differential Clipping Level
± 0.6
± 0.75
± 0.85
± 2.3
± 2.8
± 3.3
V
Resistance
Differential
1
6
M
Ω
Common-Mode
4
4
M
Ω
Capacitance
Differential
3
3
pF
Common-Mode
4
4
pF
DC PERFORMANCE
Closed-Loop Gain Error
VOUT =
± 1 V, R
L
≥ 150 Ω± 0.8
± 1.8
± 0.15
± 0.6
%
TMIN to TMAX
20
10
ppm/
°C
Open-Loop Gain
VOUT =
± 1 V
87
73
dB
Gain Nonlinearity
VOUT =
± 1 V
250
200
ppm
Input Offset Voltage
0.2
0.8
0.4
1.8
mV
TMIN to TMAX
210
µV/°C
TMIN to TMAX
1.4
3.5
mV
Input Offset Voltage vs. Supply
+VS = +12 V, –VS = –11.0 V to –13.0 V
–88
–82
–77
–70
dB
–VS = –12 V, +VS = +11.0 V to +13.0 V
–92
–84
–88
–70
dB
Input Bias Current (+IN, –IN)
± 0.25
± 2
± 0.25
± 2
µA
Input Bias Current (REF, FB)
± 0.5
± 3.5
± 0.5
± 3.5
µA
TMIN to TMAX (+IN, –IN, REF, FB)
2.5
2.5
nA/
°C
Input Offset Current
(+IN, –IN, REF, FB)
± 0.08
± 0.4
± 0.08
± 0.4
µA
TMIN to TMAX
0.2
0.2
nA/
°C
OUTPUT PERFORMANCE
Voltage Swing
RLOAD = 700
Ω±10.8
±10.8
V
Output Current
40
40
mA
Short Circuit Current
To Common
–60/+55
–60/+55
mA
TMIN to TMAX
–240
–240
µA/°C
Output Impedance
PD
≤ VIL, In Power-Down Mode
10
10
pF
POWER SUPPLY
Operating Voltage Range
Total Supply Voltage
±2.25
±12.6
±2.25
±12.6
V
Quiescent Supply Current
13
13.9
13
13.9
mA
TMIN to TMAX
43
43
µA/°C
PD
≤ V
IL
0.73
0.9
0.73
0.9
mA
PD
≤ V
IL, TMIN to TMAX
1.1
1.1
mA
PD PIN
VIH
+VS – 1.5
+VS – 1.5
V
VIL
+VS – 2.5
+VS – 2.5
V
IIH
PD = Min V
IH
–30
–30
µA
IIL
PD = Max V
IL
–50
–50
µA
Input Resistance
PD
≤ +V
S – 3 V
3
3
k
Ω
PD
≥ +V
S – 2 V
100
100
k
Ω
Enable Time
0.5
0.5
µs
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com